Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCN4-TR4 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # DCN4-TR4
Description  General-purpose Peripheral Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DCN4-TR4 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button DCN4-TR4 Datasheet HTML 7Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 8Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 9Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 10Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 11Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 12Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 13Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 14Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
164
Peripheral Devices
Peripheral Devices for Environment-resistive Slaves
Ordering Information
● Environment-resistive Connection Products (for Thin Cable, M12 Micro Connectors)
Peripheral Devices for DeviceNet Communications
Product
Appearance
Model
Specifications
Sealed Assembling-type
Connector (male)
XS2G-D5S7
For communications (plug)
Sealed Assembling-type
Connector (female)
XS2C-D5S7
For communications (socket)
Sealed T-branch Connector
DCN2-1
For 1 branch line
Sealed Connector with
Terminating Resistor
DRS2-1
Plug
DRS2-2
Socket
Cables with Sealed
Connectors
DCA1-5CNC5W1
Length (L): 0.5 m
Cable with connectors on both ends
DCA1-5CN01W1
Length (L):
1 m
DCA1-5CN02W1
Length (L):
2 m
DCA1-5CN03W1
Length (L):
3 m
DCA1-5CN05W1
Length (L):
5 m
DCA1-5CN10W1
Length (L): 10 m
DCA1-5CNC5F1
Length (L): 0.5 m
Cable with connector on one end (socket)
DCA1-5CN01F1
Length (L):
1 m
DCA1-5CN02F1
Length (L):
2 m
DCA1-5CN03F1
Length (L):
3 m
DCA1-5CN05F1
Length (L):
5 m
DCA1-5CN10F1
Length (L): 10 m
DCA1-5CNC5H1
Length (L): 0.5 m
Cable with connector on one end (plug)
DCA1-5CN01H1
Length (L):
1 m
DCA1-5CN02H1
Length (L):
2 m
DCA1-5CN03H1
Length (L):
3 m
DCA1-5CN05H1
Length (L):
5 m
DCA1-5CN10H1
Length (L): 10 m
Shielded Panel-mounting
Connectors (female)
DCA1-5CNC5P1
Panel-mounting connector (socket) with 0.5-m cable
XS2P-D522-2
Panel-mounting connector socket
Shielded Panel-mounting
Connectors (male)
DCA1-5CNC5M1
Panel-mounting connector (plug) with 0.5-m cable
XS2M-D524-4
Panel-mounting connector (plug) with solder-cup terminals
Waterproof cover (for
socket)
XS2Z-22
Used to cover an unused connector section
Dust cover (for socket)
XS2Z-15
L
L
50 mm
L
50 mm


Similar Part No. - DCN4-TR4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN4-TR4 OMRON-DCN4-TR4 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
More results

Similar Description - DCN4-TR4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN2-1 OMRON-DCN2-1 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
   Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9590XBG TOSHIBA-TC9590XBG Datasheet
278Kb / 17P
   Automotive Peripheral Devices
2022-02-24 Rev. 1.4
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
   Automotive Peripheral Devices
2022-05-25 Rev 1.2
logo
Sanyo Semicon Device
LC8953 SANYO-LC8953 Datasheet
222Kb / 9P
   General-Purpose 68000 MPU Peripheral Interface LSI
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
   Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com