Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW4G-05C4-TF-D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XW4G-05C4-TF-D
Description  General-purpose Peripheral Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW4G-05C4-TF-D Datasheet(HTML) 2 Page - Omron Electronics LLC

  XW4G-05C4-TF-D Datasheet HTML 1Page - Omron Electronics LLC XW4G-05C4-TF-D Datasheet HTML 2Page - Omron Electronics LLC XW4G-05C4-TF-D Datasheet HTML 3Page - Omron Electronics LLC XW4G-05C4-TF-D Datasheet HTML 4Page - Omron Electronics LLC XW4G-05C4-TF-D Datasheet HTML 5Page - Omron Electronics LLC XW4G-05C4-TF-D Datasheet HTML 6Page - Omron Electronics LLC XW4G-05C4-TF-D Datasheet HTML 7Page - Omron Electronics LLC XW4G-05C4-TF-D Datasheet HTML 8Page - Omron Electronics LLC XW4G-05C4-TF-D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Peripheral Devices
155
Product
Appearance
Model
Specifications
Connectors
XW4G-05C1-H1-D
Parallel clamp connector with screws
Connector insertion and wiring both performed horizontally.
XW4G-05C4-TF-D
Parallel multi-branching clamp connector with screws
Connector insertion and wiring performed in same direction.
XW4B-05C1-H1-D
Parallel connector with screws
Connector insertion and wiring performed in same direction.
XW4B-05C4-T-D
Parallel, screw-less, multi-branching connector
Connector insertion and wiring performed in same direction.
XW4B-05C4-TF-D
Parallel, multi-branching connector with screws
Connector insertion and wiring performed in same direction.
XW4B-05C1-VIR-D
Orthogonal connector with screws
Connector insertion and wiring performed at a right angle.
DeviceNet
Standard
Cables
Thin
Cables
DCA1-5C10(-B)
Outer diameter:
7.00 mm
Length:
100 m
DCA1-5C10-B:
Cable color: Blue
DCA1-5C10:
Cable color: Gray
Thick
Cables
DCA2-5C10(-B)
Outer diameter:
11.6 mm
Length:
100 m
DCA2-5C10-B:
Cable color: Blue
DCA2-5C10:
Cable color: Gray
Terminal-block
Terminator
DRS1-T
Resistance of 121
Ω


Similar Part No. - XW4G-05C4-TF-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW4G-05C4-TF-D OMRON-XW4G-05C4-TF-D Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
More results

Similar Description - XW4G-05C4-TF-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN2-1 OMRON-DCN2-1 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
   Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9590XBG TOSHIBA-TC9590XBG Datasheet
278Kb / 17P
   Automotive Peripheral Devices
2022-02-24 Rev. 1.4
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
   Automotive Peripheral Devices
2022-05-25 Rev 1.2
logo
Sanyo Semicon Device
LC8953 SANYO-LC8953 Datasheet
222Kb / 9P
   General-Purpose 68000 MPU Peripheral Interface LSI
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
   Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com