Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X2D2-M1G Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E2E-X2D2-M1G
Description  Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X2D2-M1G Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E2E-X2D2-M1G Datasheet HTML 4Page - Omron Electronics LLC E2E-X2D2-M1G Datasheet HTML 5Page - Omron Electronics LLC E2E-X2D2-M1G Datasheet HTML 6Page - Omron Electronics LLC E2E-X2D2-M1G Datasheet HTML 7Page - Omron Electronics LLC E2E-X2D2-M1G Datasheet HTML 8Page - Omron Electronics LLC E2E-X2D2-M1G Datasheet HTML 9Page - Omron Electronics LLC E2E-X2D2-M1G Datasheet HTML 10Page - Omron Electronics LLC E2E-X2D2-M1G Datasheet HTML 11Page - Omron Electronics LLC E2E-X2D2-M1G Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
E2E
Unshielded DC 2-Wire Models with No Self-diagnosis Output [Refer to Dimensions on page 29.]
*1. Models with different frequencies are also available. The model number is E2E-X
@D15 (example: E2E-X8MD15 2M).
*2. Models with a flexible cable are also available. Add -R to the end of the model number. (example: E2E-X4MD1-R 2M).
*3. The standard stock includes models with a cable length of 5 m. Specify the cable length at the end of the model number. (Example: E2E-X4MD1 5M)
*4. Refer to page 24 for details.
Shielded DC 2-Wire Models with Self-diagnosis Output [Refer to Dimensions on page 29.]
*1. Models with different frequencies are also available. The model number is E2E-X
@D15S (example: E2E-X3D15S 2M).
*2. Refer to page 24 for details.
2-Wire Models
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Polar-
ity
Opera-
tion
mode
Pin
arrangement
Applicable
connector
code *4
Model
M8
Pre-wired Models (2 m) PVC (oil-resistant)
Yes
NO
---
---
E2E-X4MD1 2M *2*3
NC
E2E-X4MD2 2M
M12 Connector Models
---
NO
1: +V, 4: 0 V
A
E2E-X4MD1 2M
NC
1: +V, 2: 0 V
D
E2E-X4MD2-M1G
M8 Connector Models
---
NO
1: +V, 4: 0 V
I
E2E-X4MD1-M3G
NC
1: +V, 2: 0 V
E2E-X4MD2-M3G
M12
12M Pre-wired Smart-
click Connector Models
(0.3m)
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X8MD1-M1TGJ 0.3M
Pre-wired Models (2 m) PVC (oil-resistant)
NO
---
---
E2E-X8MD1 2M *1*2*3
NC
E2E-X8MD2 2M
M12 Connector Models
---
NO
1: +V, 4: 0 V
A
E2E-X8MD1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X8MD2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m)
PVC (oil-resistant)
NO
1: +V, 4: 0 V
A
E2E-X8MD1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
---
M18
12M Pre-wired Smart-
click Connector Models
(0.3m)
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X14MD1-M1TGJ 0.3M
Pre-wired Models (2 m) PVC (oil-resistant)
NO
---
---
E2E-X14MD1 2M *1*2*3
NC
E2E-X14MD2 2M
M12 Connector Models
---
NO
1: +V, 4: 0 V
A
E2E-X14MD1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X14MD2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m)
PVC (oil-resistant)
NO
1: +V, 4: 0 V
A
E2E-X14MD1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
E2E-X14MD2-M1GJ 0.3M
M30
12M Pre-wired Smart-
click Connector Models
(0.3m)
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X20MD1-M1TGJ 0.3M
Pre-wired Models (2 m) PVC (oil-resistant)
NO
---
---
E2E-X20MD1 2M *1*2*3
NC
E2E-X20MD2 2M
M12 Connector Models
---
NO
1: +V, 4: 0 V
A
E2E-X20MD1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X20MD2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m)
PVC (oil-resistant)
NO
1: +V, 4: 0 V
A
E2E-X20MD1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
---
4 mm
8 mm
14 mm
20 mm
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Polar-
ity
Opera-
tion
mode
Pin
arrangement
Applicable
connector
code *2
Model
M12
Pre-wired Models
(2 m)
PVC (oil-resistant)
Yes
NO
---
---
E2E-X3D1S 2M *1
M12 Connector
Models
---
2: +V and diagnostic output
3: 0 V
4: +V and control output
D
E2E-X3D1S-M1
M18
Pre-wired Models
(2 m)
PVC (oil-resistant)
---
---
E2E-X7D1S 2M *1
M12 Connector
Models
---
2: +V and diagnostic output
3: 0 V
4: +V and control output
D
E2E-X7D1S-M1
M30
Pre-wired Models
(2 m)
PVC (oil-resistant)
---
---
E2E-X10D1S 2M *1
M12 Connector
Models
---
2: +V and diagnostic output
3: 0 V
4: +V and control output
D
E2E-X10D1S-M1
3 mm
7 mm
10 mm


Similar Part No. - E2E-X2D2-M1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X2D2-M1G OMRON-E2E-X2D2-M1G Datasheet
2Mb / 36P
   Standard Proximity Sensor
E2E-X2D2-M1G OMRON-E2E-X2D2-M1G Datasheet
2Mb / 36P
   Standard Proximity Sensor
E2E-X2D2-M1G OMRON-E2E-X2D2-M1G Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2E-X2D2-M1G OMRON-E2E-X2D2-M1G Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2D2-M1G OMRON-E2E-X2D2-M1G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
More results

Similar Description - E2E-X2D2-M1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X2E1-M1 OMRON-E2E-X2E1-M1 Datasheet
1Mb / 34P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X5E1 OMRON-E2E-X5E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2D1-N OMRON-E2E-X2D1-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX1R5E1 OMRON-E2EX1R5E1 Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
logo
Laird Tech Smart Techno...
LARGE-ENCLOSURE LSTD-LARGE-ENCLOSURE Datasheet
431Kb / 2P
   As the world?셲 leading fabricator of fingerstock
logo
Cynergy3 Co
MP1C CYNERGY3-MP1C Datasheet
1Mb / 2P
   the switch stops the compressor and starts the pump
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Neutrik AG
NA2-IO-DLINE NEUTRIK-NA2-IO-DLINE Datasheet
136Kb / 2P
   Connect your legacy audio gear to the Dante world.
logo
ORION FANS
OD1232-SPOT ORIONFANS-OD1232-SPOT Datasheet
767Kb / 1P
   Extend the Life of Your Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com