Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCN1-1C Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # DCN1-1C
Description  General-purpose Peripheral Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DCN1-1C Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button DCN1-1C Datasheet HTML 5Page - Omron Electronics LLC DCN1-1C Datasheet HTML 6Page - Omron Electronics LLC DCN1-1C Datasheet HTML 7Page - Omron Electronics LLC DCN1-1C Datasheet HTML 8Page - Omron Electronics LLC DCN1-1C Datasheet HTML 9Page - Omron Electronics LLC DCN1-1C Datasheet HTML 10Page - Omron Electronics LLC DCN1-1C Datasheet HTML 11Page - Omron Electronics LLC DCN1-1C Datasheet HTML 12Page - Omron Electronics LLC DCN1-1C Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
162
Peripheral Devices
■ I/O Connectors for MULTIPLE I/O TERMINALs
Applicable Connectors
Applicable Cables with Connectors (Fujitsu Connectors)
● Cables with Connectors (1-to1 Connection)/G79-@C
For Digital Input/Output (16 Points)
● Cables with Connectors (1-to-2 Connection)/G79-O@C-@, G79-I@C-@
For Digital Input/Output (32 Points)
For Digital Input/Output (16 Points)
For Digital Input/Output (32 Points)
Type
Model
Remark
Connectable model
Molex connector
Crimped
terminals
Housing
50-57-9403
Digital I/O Units
GT1-ID16MX(-1)/GT1-OD16MX(-1)
Analog I/O Units
GT1-AD08MX/GT1-DA04MX
Chain terminal
16-02-0069
Corresponding to 24 to 30 AWG
16-02-0086
Corresponding to 22 to 24 AWG
Loose terminal
16-02-0096
Corresponding to 24 to 30 AWG
16-02-0102
Corresponding to 22 to 24 AWG
Press-fit tool
57036-5000
Corresponding to 22 to 26 AWG
57037-5000
Corresponding to 24to 30 AWG
Fujitsu connector
(16 points)
Soldered terminals
FCN361J024-AU
Pressure-welded terminals
FCN367J024-AU/F
Crimped terminals
FCN363J024-AU
Fujitsu connector
(32 points)
Soldered terminals
FCN361J040-AU
Digital I/O Units
GT1-ID32ML(-1)/GT1-OD32ML(-1)
Pressure-welded terminals
FCN367J040-AU/F
Crimped terminals
FCN363J040-AU
OMRON
D-sub connector
Pulg
XM2A-2501
Digital I/O Units
GT1-ID16DS(-1)/GT1-OD16DS(-1)
Hood
XM2S-2513
#4-40UNC inch screws
I/O classification
Model
Connectable model
Digital input, 16 points
XW2Z-
@@@A
Digital I/O Units
GT1-ID16ML(-1)
G79-
@C
Digital output, 16 points
XW2Z-
@@@A
Digital I/O Units
GT1-OD16ML(-1)
G79-
@C
Digital input, 32 points
XW2Z-
@@@B
Digital I/O Units
GT1-ID32ML(-1)
G79-I
@C@
Digital output, 32 points
XW2Z-
@@@B
Digital I/O Units
GT1-OD32ML(-1)
G79-O
@C@
Appearance
Cable length (mm)
Model
1,000
G79-100C
1,500
G79-150C
2,000
G79-200C
3,000
G79-300C
5,000
G79-500C
Appearance
Cable length (mm)
Model
Input
Output
1,000
750
G79-I100C-75
G79-O100C-75
1,500
1,250
G79-I150C-125
G79-O150C-125
2,000
1,750
G79-I200C-175
G79-O200C-175
3,000
2,750
G79-I300C-275
G79-O300C-275
5,000
4,750
G79-I500C-475
G79-O500C-475
Appearance
Cable length (mm)
Model
500
XW2Z-050A
1,000
XW2Z-100A
1,500
XW2Z-150A
2,000
XW2Z-200A
3,000
XW2Z-300A
5,000
XW2Z-500A
Appearance
Cable length (mm)
Model
500
XW2Z-050B
1,000
XW2Z-100B
1,500
XW2Z-150B
2,000
XW2Z-200B
3,000
XW2Z-300B
5,000
XW2Z-500B
L
A
B
Length without any bending
A
B
L
L


Similar Part No. - DCN1-1C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN1-1C OMRON-DCN1-1C Datasheet
258Kb / 4P
   T-branch Taps and Terminal-block Terminator
DCN1-1C OMRON-DCN1-1C Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
More results

Similar Description - DCN1-1C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN2-1 OMRON-DCN2-1 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
   Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9590XBG TOSHIBA-TC9590XBG Datasheet
278Kb / 17P
   Automotive Peripheral Devices
2022-02-24 Rev. 1.4
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
   Automotive Peripheral Devices
2022-05-25 Rev 1.2
logo
Sanyo Semicon Device
LC8953 SANYO-LC8953 Datasheet
222Kb / 9P
   General-Purpose 68000 MPU Peripheral Interface LSI
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
   Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com