Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS2F-A421-G90-A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XS2F-A421-G90-A
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-A421-G90-A Datasheet(HTML) 2 Page - Omron Electronics LLC

  XS2F-A421-G90-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-A421-G90-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-A421-G90-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-A421-G90-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-A421-G90-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-A421-G90-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-A421-G90-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-A421-G90-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-A421-G90-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Miniature Limit Switch
D4CC
Ordering Information
■ List of Models
Limit Switches
Note: 1. The meaning of suffix codes in the D4CC model numbers is different from that in the D4C model numbers.
2. Refer to the following table for cable plugs.
Accessories (Order Separately)
Plugs
Note: Please contact your local OMRON sales office for details.
Actuator
1 A at 125 VAC
1 A at 30 VDC
Without indicator
With indicator
Without indicator
With indicator
D4CC-1001
D4CC-2001
D4CC-3001
D4CC-4001
D4CC-1002
D4CC-2002
D4CC-3002
D4CC-4002
D4CC-1003
D4CC-2003
D4CC-3003
D4CC-4003
D4CC-1010
D4CC-2010
D4CC-3010
D4CC-4010
D4CC-1024
D4CC-2024
D4CC-3024
D4CC-4024
D4CC-1031
D4CC-2031
D4CC-3031
D4CC-4031
D4CC-1032
D4CC-2032
D4CC-3032
D4CC-4032
D4CC-1033
---
D4CC-3033
D4CC-4033
D4CC-1041
D4CC-2041
D4CC-3041
D4CC-4041
D4CC-1042
D4CC-2042
D4CC-3042
D4CC-4042
D4CC-1043
---
D4CC-3043
D4CC-4043
D4CC-1050
D4CC-2050
D4CC-3050
D4CC-4050
D4CC-1060
D4CC-2060
D4CC-3060
D4CC-4060
Pin
plunger
Roller
plunger
Crossroller
plunger
Bevel
plunger
High-sensitivity
roller lever
Sealed
pin
plunger
Sealed roller
plunger
Sealed
crossroller
plunger
Panel mount
pin plunger
Panel mount
roller plunger
Panel mount
crossroller
plunger
Plastic
rod
Center
roller lever
Type
Appearance
No. of conductors
Cable length
Model
VAC
Straight
4
1 m
XS2F-A421-C90-A
2 m
XS2F-A421-D90-A
5 m
XS2F-A421-G90-A
10 m
XS2F-A421-J90-A
VDC
1 m
XS2F-D421-C80-A
2 m
XS2F-D421-D80-A
5 m
XS2F-D421-G80-A
10 m
XS2F-D421-J80-A


Similar Part No. - XS2F-A421-G90-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-A421-G90-F OMRON-XS2F-A421-G90-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results

Similar Description - XS2F-A421-G90-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com