Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VF07P10391K Datasheet(PDF) 5 Page - AVX Corporation

Part # VF07P10391K
Description  Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VF07P10391K Datasheet(HTML) 5 Page - AVX Corporation

  VF07P10391K Datasheet HTML 1Page - AVX Corporation VF07P10391K Datasheet HTML 2Page - AVX Corporation VF07P10391K Datasheet HTML 3Page - AVX Corporation VF07P10391K Datasheet HTML 4Page - AVX Corporation VF07P10391K Datasheet HTML 5Page - AVX Corporation VF07P10391K Datasheet HTML 6Page - AVX Corporation VF07P10391K Datasheet HTML 7Page - AVX Corporation VF07P10391K Datasheet HTML 8Page - AVX Corporation VF07P10391K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
22
TPC
Zinc Oxide Varistors
Electrical Characteristics VE / VF Types
14
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
VE 09/VF 07
385
275
230
150
130
60
40
30
20
17
25
35
50
75
115
160
175
210
250
300
420
385
275
230
150
130
95
60
50
40
30
20
17
25
35
75
115
130
175
210
250
300
420
95
14
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
10
VE 07/VF 05
275
300
275
300
250
210
250
175
240
115
75
50
35
15
17
14
14
230
150
210
230
160
130
95
20
30
60
175
140
115
75
50
40
35
25
17
130
95
95
60
40
30
20
10
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
VE 13/VF 10
510
420
300
250
210
175
140
115
175
50
35
25
17
20
30
40
60
95
130
150
230
275
385
550
510
420
300
250
210
175
140
115
130
150
230
275
385
460
550
625
575
75
50
35
25
17
20
30
60
95
14
14
575
625
VOLTAGE-CURRENT CHARACTERISTICS
V/I characteristics give:
- for I below 1 mA the maximum leakage current under V
dc
- for I above 1 mA the maximum clamping voltage


Similar Part No. - VF07P10391K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VF07P10331K AVX-VF07P10331K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF07P10361K AVX-VF07P10361K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VF07P10391K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com