Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501-12K5G13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1501-12K5G13
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501-12K5G13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1501-12K5G13 Datasheet HTML 1Page - Diodes Incorporated AP1501-12K5G13 Datasheet HTML 2Page - Diodes Incorporated AP1501-12K5G13 Datasheet HTML 3Page - Diodes Incorporated AP1501-12K5G13 Datasheet HTML 4Page - Diodes Incorporated AP1501-12K5G13 Datasheet HTML 5Page - Diodes Incorporated AP1501-12K5G13 Datasheet HTML 6Page - Diodes Incorporated AP1501-12K5G13 Datasheet HTML 7Page - Diodes Incorporated AP1501-12K5G13 Datasheet HTML 8Page - Diodes Incorporated AP1501-12K5G13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1501
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
1 of 12
JANUARY 2009
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
Lead-free
Lead-free
Output voltage: 3.3V, 5V, 12V and adjustable output
version
Adjustable version output voltage range, 1.23V to
37V+4%
150KHZ +15% fixed switching frequency
Voltage mode non-synchronous PWM control
Thermal-shutdown and current-limit protection
ON/OFF shutdown control input
Operating voltage can be up to 40V
Output load current: 3A
Low power standby mode
Built-in switching transistor on chip
Lead Free packages: TO263-5L and TO220-5L(R)
TO263-5L and TO220-5L(R): Available in “Green”
Molding Compound (No Br, Sb)
Lead Free Finish/RoHS Compliant (Note 1)
The AP1501 is a fully integrated step-down DC/DC converter,
with the ability to drive 3A load without the need of additional
driver components. The AP1501 operates at a switching
frequency of 150KHZ enabling the use of small size filter
components. As a result, board space is reduced and BOM costs
are lowered.
The AP1501 has integrated the shutdown function that allows
standby mode to be activated via an external logic signal input.
The internal compensation facilitates feedback control for line
and load regulation without the need of an external circuitry. The
AP1501 has a built-in Thermal shutdown and Current Limit
function to prevent damage from high operating temperature and
high current operating to the output switch.
Additional features include a guaranteed +/- 4% tolerance on the
output voltage under specified input and output load conditions,
and +/- 15% on oscillator frequency. The AP1501 offers both
fixed and a Adjustable output voltages. For fixed outputs the
AP1501 supports 3.3V, 5.0V and 12V. The package options
available are standard 5-lead TO263 and TO220(R) packages.
Simple High-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
Ordering Information
Package
K5 : TO263-5L
Output version
AP1501 - XX XXX X - X
Packing
U : Tube
13 : Tape & Reel
Blank : Adjustable
33
: 3.3V
50
: 5.0V
12
: 12V
Lead Free
L : Lead Free
T5 : TO220-5L
T5R : TO220-5L(R)
G : Green
Device
Package
Code
Packaging
(Note 2)
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1501-XXK5L-U
K5
TO263-5L
50
-U
NA
NA
AP1501-XXK5L-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1501-XXK5G-U
K5
TO263-5L
50
-U
NA
NA
AP1501-XXK5G-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1501-XXT5L-U
T5
TO220-5L
50
-U
NA
NA
AP1501-XXT5G-U
T5
TO220-5L
50
-U
NA
NA
AP1501-XXT5RL-U
T5R
TO220-5L(R)
50
-U
NA
NA
AP1501-XXT5RG-U
T5R
TO220-5L(R)
50
-U
NA
NA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf..
Features
General Description
Applications


Similar Part No. - AP1501-12K5G13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501-12K5G-13 DIODES-AP1501-12K5G-13 Datasheet
410Kb / 13P
   150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
More results

Similar Description - AP1501-12K5G13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com