Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE17P00461K Datasheet(PDF) 1 Page - AVX Corporation

Part # VE17P00461K
Description  Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VE17P00461K Datasheet(HTML) 1 Page - AVX Corporation

  VE17P00461K Datasheet HTML 1Page - AVX Corporation VE17P00461K Datasheet HTML 2Page - AVX Corporation VE17P00461K Datasheet HTML 3Page - AVX Corporation VE17P00461K Datasheet HTML 4Page - AVX Corporation VE17P00461K Datasheet HTML 5Page - AVX Corporation VE17P00461K Datasheet HTML 6Page - AVX Corporation VE17P00461K Datasheet HTML 7Page - AVX Corporation VE17P00461K Datasheet HTML 8Page - AVX Corporation VE17P00461K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
18
TPC
FEATURES
• “P Series” are especially dedicated to heavy duty applica-
tions encountered in the AC power network. Higher surge
current and energy ratings provide an improved protection
and a better reliability
• Radial lead varistors
• Operating voltage range from 130 V to 625 V (V
rms
for
VE types) or 205 V to 1000 V (V
1mA for VF types)
• Available in tape and reel for use with automatic insertion
equipment (see pages 31 to 33 for details).
PARTICULAR CHARACTERISTICS
E
D
t
UL
(USA and
VE Series
VF Series
Maximum
Nominal voltage
Canadian
P/N codification using
P/N codification using
operating voltage
at 1 mA dc
Standards)
(D
max , Vrms)(dceramic, V1mA)Vrms
V
DC
V
1mA mini
V
1mA nominal
V
1mA maxi
5
VE07P00131K _ _
VF05P12050K _ _
130
170
184
205
226
5
VE09P00131K _ _
VF07P12050K _ _
5
VE13P00131K _ _
VF10P12050K _ _
5
VE17P00131K _ _
VF14P12050K _ _
5
VE24P00131K _ _
VF20P12050K _ _
5
VE07P00141K _ _
VF05P10221K _ _
140
180
198
220
242
5
VE09P00141K _ _
VF07P10221K _ _
5
VE13P00141K _ _
VF10P10221K _ _
5
VE17P00141K _ _
VF14P10221K _ _
5
VE24P00141K _ _
VF20P10221K _ _
5
VE07P00151K _ _
VF05P10241K _ _
5
VE09P00151K _ _
VF07P10241K _ _
150
200
216
240
264
5
VE13P00151K _ _
VF10P10241K _ _
5
VE17P00151K _ _
VF14P10241K _ _
5
VE24P00151K _ _
VF20P10241K _ _
5
VE07P01750K _ _
VF05P10271K _ _
175
225
243
270
297
5
VE09P01750K _ _
VF07P10271K _ _
5
VE13P01750K _ _
VF10P10271K _ _
5
VE17P01750K _ _
VF14P10271K _ _
5
VE24P01750K _ _
VF20P10271K _ _
5
VE07P00211K _ _
VF05P10331K _ _
210
275
297
330
363
5
VE09P00211K _ _
VF07P10331K _ _
5
VE13P00211K _ _
VF10P10331K _ _
5
VE17P00211K _ _
VF14P10331K _ _
5
VE24P00211K _ _
VF20P10331K _ _
5
VE07P00231K _ _
VF05P10361K _ _
230
300
324
360
396
5
VE09P00231K _ _
VF07P10361K _ _
5
VE13P00231K _ _
VF10P10361K _ _
5
VE17P00231K _ _
VF14P10361K _ _
5
VE24P00231K _ _
VF20P10361K _ _
Zinc Oxide Varistors
VE/VF Types for Heavy Duty Applications (“P Series”)


Similar Part No. - VE17P00461K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE17P00131K AVX-VE17P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00141K AVX-VE17P00141K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00151K AVX-VE17P00151K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00211K AVX-VE17P00211K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00231K AVX-VE17P00231K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VE17P00461K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com