Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C225M9PACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C225M9PACTU
Description  Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 2.2 uF, /-20% Tol, 6.3V, X5R, 0402 (1005 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C225M9PACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C225M9PACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2013 - 6b49cbb7-1b0d-4c0d-95aa-15d7447db61d
KEMET Part Number: C0402C225M9PACTU
(C0402C225M9PAC7867)
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 2.2 uF, +/-20% Tol, 6.3V, X5R, 0402 (1005 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.00
+/-0.05
W
0.50
+/-0.05
T
0.50
+/-0.05
B
0.30
+/-0.1
S
0.3
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7in
Package Type: Paper Tape
Package Quantity: 10000
General Information
Supplier: KEMET
Part Type Description: SMD, MLCC, Temperature
Stable, Class II
Miscellaneous Electrical:
Note: Referee time for X5R
dielectric for this part number is
48 hours
Specifications
Capacitance: 2.2 uF
Chip Size: 0402 (1005 metric)
Voltage: 6.3V
Temperature Coefficient: X5R
Tolerance: +/-20%
Application: Standard Chip
Termination Type: Tin (Sn)
Marked: No
Temperature Range: -55/+85C
Dissipation Factor: 10%
Aging Rate: 5% loss/decade hour
Insulation Resistance: 227.27 MOhm
Dielectric Strength: 15.75V
© 2006-2013 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0402C225M9PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C225M9RACAUTO KEMET-C0402C225M9RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C0402C225M9PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C106M7PACTU KEMET-C0402C106M7PACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 10 uF, /-20% Tol, 4 V, X5R, 0402 (1005 metric)
C0402C106M9PACTU KEMET-C0402C106M9PACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 10 uF, /-20% Tol, 6.3 V, X5R, 0402 (1005 metric)
C0402C475M9PACTU KEMET-C0402C475M9PACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 4.7 uF, /-20% Tol, 6.3 V, X5R, 0402 (1005 metric)
C0402C105K4PACTU KEMET-C0402C105K4PACTU Datasheet
105Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1 uF, /-10% Tol, 16 V, X5R, 0402 (1005 metric)
C0402C104K4PACTU KEMET-C0402C104K4PACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.1 uF, /-10% Tol, 16 V, X5R, 0402 (1005 metric)
C0402C103M4RACTU KEMET-C0402C103M4RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.01 uF, /-20% Tol, 16 V, X7R, 0402 (1005 metric)
C0402C103K4RACTU KEMET-C0402C103K4RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.01 uF, /-10% Tol, 16V, X7R, 0402 (1005 metric)
C0805C106K9PACTU KEMET-C0805C106K9PACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 10 uF, /-10% Tol, 6.3V, X5R, 0805
C0402C473K4RACTU KEMET-C0402C473K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.047 uF, /-10% Tol, 16 V, X7R, 0402 (1005 metric)
C0402C103K8RACTU KEMET-C0402C103K8RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.01 uF, /-10% Tol, 10 V, X7R, 0402 (1005 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com