Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0F2B3LP3-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0F2B3LP3-7
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F2B3LP3-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0F2B3LP3-7 Datasheet HTML 1Page - Diodes Incorporated D5V0F2B3LP3-7 Datasheet HTML 2Page - Diodes Incorporated D5V0F2B3LP3-7 Datasheet HTML 3Page - Diodes Incorporated D5V0F2B3LP3-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D5V0L1B2LP
Document number: DS35427 Rev. 9 - 2
3 of 4
www.diodes.com
January 2012
© Diodes Incorporated
D5V0L1B2LP
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 3 Pulse Derating Curve
A
0
100
25
75
175 200
0.1
1
10
100
0
1234
5
6
Fig. 4 Typical Reverse Characteristics
V , REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
Package Outline Dimensions
Suggested Pad Layout
X1-DFN1006-2
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
-
-
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G
0.3
X
0.7
Y
0.4
C
0.7
L
E
b
R
e
D
A1
A
Z
X
C
G
Y


Similar Part No. - D5V0F2B3LP3-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F2B3LP37 DIODES-D5V0F2B3LP37 Datasheet
106Kb / 4P
   CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0F2B3LP37 DIODES-D5V0F2B3LP37 Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0F2B3LP37 DIODES-D5V0F2B3LP37 Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0F2B3LP37 DIODES-D5V0F2B3LP37 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F2B3LP3713 DIODES-D5V0F2B3LP3713 Datasheet
144Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results

Similar Description - D5V0F2B3LP3-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD3V3S1BLP3 DIODES-DESD3V3S1BLP3 Datasheet
209Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D12V0L1B2LP DIODES-D12V0L1B2LP Datasheet
262Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2T-7 DIODES-D5V0L1B2T-7 Datasheet
106Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D8V0L1B2LP3 DIODES-D8V0L1B2LP3 Datasheet
379Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD3V3Z1BCSF DIODES-DESD3V3Z1BCSF Datasheet
446Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2WS DIODES-D5V0L1B2WS Datasheet
102Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2TQ DIODES-D5V0L1B2TQ Datasheet
314Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2019 Rev. 1 - 2
D8V0L1B2LPQ DIODES-D8V0L1B2LPQ Datasheet
293Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2018 Rev. 1 - 2
DESD3V3XA1BCSF DIODES-DESD3V3XA1BCSF Datasheet
349Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
March 2021 Rev.1 - 2
D5V0L1B2S9 DIODES-D5V0L1B2S9 Datasheet
223Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com