Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501-12K5L13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1501-12K5L13
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501-12K5L13 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1501-12K5L13 Datasheet HTML 2Page - Diodes Incorporated AP1501-12K5L13 Datasheet HTML 3Page - Diodes Incorporated AP1501-12K5L13 Datasheet HTML 4Page - Diodes Incorporated AP1501-12K5L13 Datasheet HTML 5Page - Diodes Incorporated AP1501-12K5L13 Datasheet HTML 6Page - Diodes Incorporated AP1501-12K5L13 Datasheet HTML 7Page - Diodes Incorporated AP1501-12K5L13 Datasheet HTML 8Page - Diodes Incorporated AP1501-12K5L13 Datasheet HTML 9Page - Diodes Incorporated AP1501-12K5L13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP1501
150KHZ, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
6 of 12
JANUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Typical Performance Characteristics
Normalized Output Voltage
4.90
4.95
5.00
5.05
5.10
-50
-25
0
25
50
75
100
125
V
IN =20V, I LOAD=3A
Normalized at T
J=25
oC
JUNCTION TEMPERATURE( oC)
JUNCTION TEMPERATURE( oC)
Switch Current Limit
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE( oC)
Operating Quiescent Current
JUNCTION TEMPERATURE( oC)
Efficiency
100
65
70
75
80
85
90
95
810
15
20
25
30
35
40
5V
3.3V
3A Load
0.60
0.80
1.00
1.20
1.40
1.60
0.5
1
23
SWITCH CURRENT(A)
1
2
3
1 : -40 oC
2 : 25 oC
3 : 125 oC
Switch Saturation Voltage
3.50
4.00
4.50
5.00
5.50
-50
-25
0
25
50
75
100 125
V
IN=12V, VOUT=5V
SUPPLY VOLOTAGE (V)
0.0
40.0
80.0
120.0
160.0
200.0
Shutdown Quiescent Current
10
20
30
40
V
ON/OFF=5V
1 : -40 oC
2 : 25 oC
3 : 125 oC
1
3
2
Switch ON
Switch OFF


Similar Part No. - AP1501-12K5L13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501-12K5L ANACHIP-AP1501-12K5L Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
AP1501-12K5L ANACHIP-AP1501-12K5L Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1501-12K5LA ANACHIP-AP1501-12K5LA Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
AP1501-12K5LA ANACHIP-AP1501-12K5LA Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results

Similar Description - AP1501-12K5L13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com