Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT18135468406G Datasheet(PDF) 10 Page - Coilcraft lnc.

Part # MKT18135468406G
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18135468406G Datasheet(HTML) 10 Page - Coilcraft lnc.

Back Button MKT18135468406G Datasheet HTML 5Page - Coilcraft lnc. MKT18135468406G Datasheet HTML 6Page - Coilcraft lnc. MKT18135468406G Datasheet HTML 7Page - Coilcraft lnc. MKT18135468406G Datasheet HTML 8Page - Coilcraft lnc. MKT18135468406G Datasheet HTML 9Page - Coilcraft lnc. MKT18135468406G Datasheet HTML 10Page - Coilcraft lnc. MKT18135468406G Datasheet HTML 11Page - Coilcraft lnc. MKT18135468406G Datasheet HTML 12Page - Coilcraft lnc. MKT18135468406G Datasheet HTML 13Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MKT 1813
Vishay Roederstein
DC Film Capacitor
MKT Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26013
26
Revision: 08-Dec-08
INSPECTION REQUIREMENTS
General Notes:
Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, Publication IEC 60384-2 and
Specific Reference Data”.
Group C Inspection Requirements
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C1A PART OF SAMPLE
OF SUB-GROUP C1
4.1
Dimensions (detail)
As specified in Chapters “General data” of
this specification
4.3.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.3
Robustness of terminations
Tensile: Load 10 N; 10 s
Bending: Load 5 N; 4 x 90°
No visible damage
4.4
Resistance to soldering heat
Method: 1A
Solder bath: 280 °C ± 5 °C
Duration: 10 s
4.14
Component solvent resistance
Isopropylalcohol at room temperature
Method: 2
Immersion time: 5 ± 0.5 min
Recovery time: Min. 1 h, max. 2 h
4.4.2
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|ΔC/C| ≤ 2 % of the value measured initially
Tangent of loss angle
Increase of tan
δ
≤ 0.005 for:
C
≤ 100 nF or
≤ 0.010 for:
100 nF < C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.3.1
SUB-GROUP C1B PART OF SAMPLE
OF SUB-GROUP C1
4.6.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.6
Rapid change of temperature
θA = - 55 °C
θB = + 100 °C
5 cycles
Duration t = 30 min
Visual examination
No visible damage
4.7
Vibration
Mounting:
See section “Mounting” of this specification
Procedure B4
Frequency range: 10 Hz to 55 Hz
Amplitude: 0.75 mm or
Acceleration 98 m/s²
(whichever is less severe)
Total duration 6 h
4.7.2
Final inspection
Visual examination
No visible damage


Similar Part No. - MKT18135468406G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18135468406G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com