Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDB6050L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NDB6050L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB6050L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NDB6050L Datasheet HTML 1Page - Fairchild Semiconductor NDB6050L Datasheet HTML 2Page - Fairchild Semiconductor NDB6050L Datasheet HTML 3Page - Fairchild Semiconductor NDB6050L Datasheet HTML 4Page - Fairchild Semiconductor NDB6050L Datasheet HTML 5Page - Fairchild Semiconductor NDB6050L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NDP6050L Rev. C / NDB6050L Rev. D
0
1
2
3
4
5
0
20
40
60
80
100
V
, DRAIN-SOURCE VOLTAGE (V)
V
= 10V
GS
DS
3.0
2.5
3.5
4.0
6.0
5.0
4.5
J
-50
-25
0
25
50
75
100
125
150
175
0.5
0.75
1
1.25
1.5
1.75
2
T , JUNCTION TEMPERATURE (°C)
V
= 5V
GS
I
= 24A
D
-50
-25
0
25
50
75
100
125
150
175
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
T , JUNCTION TEMPERATURE (°C)
J
I
= 250µA
D
V
= V
GS
DS
0
20
40
60
80
100
0 .5
1
1 .5
2
I
, DRAIN CURRENT (A)
V
= 3.0V
GS
D
5.0
5.5
4.0
4.5
10
6.0
3.5
0
20
40
60
80
100
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I
, DRAIN CURRENT (A)
V
= 5.0V
GS
T = 125°C
J
25°C
-55°C
D
1
2
3
4
5
0
10
20
30
40
50
60
V
, GATE TO SOURCE VOLTAGE (V)
125°C
V
= 10V
DS
GS
T = -55°C
J
25°C
Typical Electrical Characteristics
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with Gate
Voltage and Drain Current
Figure 3. On-Resistance Variation
with Temperature
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Figure 5. Transfer Characteristics
Figure 6. Gate Threshold Variation with
Temperature


Similar Part No. - NDB6050L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB6050L ISC-NDB6050L Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDB6050L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com