Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1115-5.0 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1115-5.0
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115-5.0 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1115-5.0 Datasheet HTML 1Page - Diodes Incorporated AP1115-5.0 Datasheet HTML 2Page - Diodes Incorporated AP1115-5.0 Datasheet HTML 3Page - Diodes Incorporated AP1115-5.0 Datasheet HTML 4Page - Diodes Incorporated AP1115-5.0 Datasheet HTML 5Page - Diodes Incorporated AP1115-5.0 Datasheet HTML 6Page - Diodes Incorporated AP1115-5.0 Datasheet HTML 7Page - Diodes Incorporated AP1115-5.0 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1115
Document number: DS31025 Rev. 11 - 2
3 of 8
www.diodes.com
August 2012
© Diodes Incorporated
AP1115
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to +18
V
PD
Power Dissipation
Internally Limited
mW
TST
Storage Temperature
-65 to +150
°C
TMJ
Maximum Junction Temperature
+150
°C
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only; functional
operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be affected by exposure to
absolute maximum rating conditions for extended periods of time.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TOP
Operating Junction Temperature Range
0
+125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
AP1115-ADJ
TA = +25°C, (VIN - OUT) = 1.5V, IO = 10mA
1.225
1.250
1.275
V
Output Voltage
AP1115-1.5
IOUT = 10mA, TA = +25°C, 3V ≤ VIN ≤ 12V
1.470
1.500
1.530
V
AP1115-1.8
IOUT = 10mA, TA = +25°C, 3.3V ≤ VIN ≤ 12V
1.764
1.800
1.836
V
AP1115-2.5
IOUT = 10mA, TA = +25°C, 4V ≤ VIN ≤ 12V
2.450
2.500
2.550
V
AP1115-2.8
IOUT = 10mA, TA = +25°C, 4.3V ≤ VIN ≤ 12V
2.744
2.800
2.856
V
AP1115-3.0
IOUT = 10mA, TA = +25°C, 4.5V ≤ VIN ≤ 12V
2.940
3.000
3.060
V
AP1115-3.3
IOUT = 10mA, TA = +25°C, 4.8V≤ VIN ≤ 12V
3.235
3.300
3.365
V
AP1115-3.5
IOUT = 10mA, TA = +25°C, 5V ≤ VIN ≤ 12V
3.430
3.500
3.570
V
AP1115-5.0
IOUT = 10mA, TA = +25°C, 6.5V ≤ VIN ≤ 12V
4.900
5.000
5.100
V
Line Regulation
AP1115-XXX
IO = 10mA, VOUT + 1.5V < VIN < 15V, TA = +25°C
0.2
%
Load Regulation
AP1115-ADJ
VIN = 3.3V, VADJ = 0,0mA < Io < 0.6A,
TA = +25°C (Notes 4 & 5)
1
%
AP1115-1.5
VIN = 3V, 0mA < Io < 0.6A,TA = +25°C
(Notes 4 & 5)
12
15
mV
AP1115-1.8
VIN = 3.3V, 0mA < Io < 0.6A, TA = +25°C
(Notes 4 & 5)
15
18
mV
AP1115-2.5
VIN = 4V, 0mA < Io < 0.6A, TA = +25°C
(Notes 4 & 5)
20
25
mV
AP1115-2.8
VIN = 4.3V, 0mA < Io < 0.6A, TA = +25°C
(Notes 4 & 5)
22
28
mV
AP1115-3.0
VIN = 5V, 0 ≤ IOUT ≤ 0.6A, TA = +25°C
(Notes 4 & 5)
23
30
mV
AP1115-3.3
VIN = 5V, 0 ≤ IOUT ≤ 0.6A, TA = +25°C
(Notes 4 & 5)
26
33
mV
AP1115-3.5
VIN = 5V, 0 ≤ IOUT ≤ 0.6A, TA = +25°C
(Notes 4 & 5)
28
35
mV
AP1115-5.0
VIN = 8V, 0 ≤ IOUT ≤ 0.6A, TA = +25°C
(Notes 4 & 5)
40
50
mV
Notes:
4. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
5. Line and load regulation are guaranteed up to the maximum power dissipation of 5W. Power dissipation is determined by the input/output differential
and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.


Similar Part No. - AP1115-5.0

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
Anachip Corp
AP1115A ANACHIP-AP1115A Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1115-5.0

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115_12 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 GTM-GL1116 Datasheet
244Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1116 GTM-GJ1116 Datasheet
239Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com