Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLJT227M0021200 Datasheet(PDF) 4 Page - AVX Corporation

Part # TLJT227M0021200
Description  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLJT227M0021200 Datasheet(HTML) 4 Page - AVX Corporation

  TLJT227M0021200 Datasheet HTML 1Page - AVX Corporation TLJT227M0021200 Datasheet HTML 2Page - AVX Corporation TLJT227M0021200 Datasheet HTML 3Page - AVX Corporation TLJT227M0021200 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SEPTEMBER 2013
I 35
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
RATINGS & PART NUMBER REFERENCE
Rated
Maximum
DCL
ESR
100kHz Ripple Current (mA)
100kHz Ripple Voltage (mV)
AVX
Case
Capacitance
Voltage
Surge
(μA)
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Current (A)*
Max.
@100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
10 Volt @ 40ºC (5 Volt @ 85ºC, 2 Volt @ 125ºC)
TLJN106M010#2500
N
10
10
1.7
1.0
2500
3
141
127
57
354
318
141
TLJR106M010#2000
R
10
10
2.0
1.0
2000
3
166
149
66
332
298
133
TLJR106M010#3000
R
10
10
1.4
1.0
3000
3
135
122
54
406
366
162
TLJR156M010#2000
R
15
10
2.0
1.5
2000
3
166
149
66
332
298
133
TLJK226M010#1800
K
22
10
2.2
2.2
1800
3
190
171
76
342
308
137
TLJN226M010#3800
N
22
10
1.2
2.2
3800
3
115
103
46
436
392
174
TLJR226M010#3800
R
22
10
1.2
2.2
3800
3
120
108
48
457
411
183
TLJK336M010#1500
K
33
10
2.6
3.3
1500
3
208
187
83
312
281
125
TLJN336M010#9600
N
33
10
0.5
6.6
9600
3
72
65
29
693
624
277
TLJP336M010#3500
P
33
10
1.3
3.3
3500
3
141
127
57
424
382
170
TLJR336M010#3500
R
33
10
1.3
3.3
3500
3
125
113
50
439
395
175
TLJS336M010#1500
S
33
10
2.6
3.3
1500
3
208
187
83
312
281
125
TLJA476M010#0600
A
47
10
4.8
4.7
600
3
354
318
141
212
191
85
TLJG476M010#1500
G
47
10
2.6
4.7
1500
3
216
194
86
324
292
130
TLJP476M010#3200
P
47
10
1.4
4.7
3200
3
137
123
55
438
394
175
TLJR476M010#3200
R
47
10
1.4
9.4
3200
3
131
118
52
420
378
168
TLJS476M010#1500
S
47
10
2.6
4.7
1500
3
208
187
83
312
281
125
TLJT476M010#0600
T
47
10
4.8
4.7
600
3
365
329
146
219
197
88
TLJA686M010#1500
A
68
10
2.6
6.8
1500
3
224
201
89
335
302
134
TLJA107M010#1400
A
100
10
2.7
10.0
1400
3
231
208
93
324
292
130
TLJH107M010#0900
H
100
10
3.7
10.0
900
3
298
268
119
268
241
107
TLJT107M010#0900
T
100
10
3.7
10.0
900
3
298
268
119
268
241
107
TLJB157M010#0500
B
150
10
5.3
15.0
500
3
412
371
165
206
186
82
TLJW157M010#0150
W
150
10
8.3
15.0
150
3
775
697
310
116
105
46
TLJW157M010#0200
W
150
10
7.7
15.0
200
3
671
604
268
134
121
54
TLJF227M010#0300
F
220
10
6.7
22.0
300
3
577
520
231
173
156
69
16 Volt @ 40ºC (8 Volt @ 85ºC, 3.2 Volt @ 125ºC)
TLJS106M016#2200
S
10
16
3.0
1.6
2200
3
172
155
69
378
340
151
TLJT226M016#1000
T
22
16
5.5
3.5
1000
3
283
255
113
283
255
113
TLJT336M016#1000
T
33
16
5.5
5.3
1000
3
283
255
113
283
255
113
20 Volt @ 40ºC (10 Volt @ 85ºC, 4 Volt @ 125ºC)
TLJT106M020#1000
T
10
20
6.9
2.0
1000
3
283
255
113
283
255
113
Voltage vs Temperature Rating
100%
100%
33%
67%
50%
20%
80%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
40°C
0°C
60°C
85°C
125°C
105°C
rated range
recommended derating
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalogue limit post mounting
DCL allowed to move up to 2.00 times catalogue limit post mounting
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TLJT227M0021200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJT227M0021200 AVX-TLJT227M0021200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
More results

Similar Description - TLJT227M0021200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com