Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C056A Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS370C056A
Description  8-BIT MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C056A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS370C056A Datasheet HTML 5Page - Texas Instruments TMS370C056A Datasheet HTML 6Page - Texas Instruments TMS370C056A Datasheet HTML 7Page - Texas Instruments TMS370C056A Datasheet HTML 8Page - Texas Instruments TMS370C056A Datasheet HTML 9Page - Texas Instruments TMS370C056A Datasheet HTML 10Page - Texas Instruments TMS370C056A Datasheet HTML 11Page - Texas Instruments TMS370C056A Datasheet HTML 12Page - Texas Instruments TMS370C056A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
CPU
The CPU used on TMS370Cx5x devices is the high-performance 8-bit TMS370 CPU module. The ’x5x
implements an efficient register-to-register architecture that eliminates the conventional accumulator
bottleneck. The complete ’x5x instruction set is summarized in Table 23. Figure 1 illustrates the CPU registers
and memory blocks.
0000h
0200h
0400h
1000h
10C0h
1100h
1F00h
Interrupts and Reset Vectors;
Trap Vectors
0600h
FFFFh
0
RAM (Includes 256-Byte Registers File)
0
15
Program Counter
7
Legend:
Z=Zero
IE1=Level1 interrupts Enable
C=Carry
V=Overflow
N=Negative
IE2=Level2 interrupts Enable
IE1
IE2
Z
N
C
0
1
2
3
4
5
6
7
V
Status Register (ST)
Stack Pointer (SP)
R0(A)
R1(B)
R3
R127
0000h
0001h
0002h
007Fh
R255
0003h
R2
00FFh
Reserved†
16K-Byte ROM / EPROM (4000h – 7FFFh)
1E00h
0100h
0E00h
12K-Byte ROM (5000h – 7FFFh)
8K-Byte ROM (6000h – 7FFFh)
32K-Byte ROM / EPROM (2000h – 9FFFh)
48K-Byte ROM / EPROM (2000h – DFFFh)
Memory Expansion
2000h
4000h
5000h
6000h
7000h
7FC0h
8000h
A000h
E000h
256-Byte RAM (0000h – 00FFh)
512-Byte RAM (0000h – 01FFh)
1K-Byte RAM (0000h – 03FFh)
1.5K-Byte RAM (0000h – 05FFh)
3.5K-Byte RAM (0000h – 0DFFh)
Peripheral File
Peripheral Exp
Reserved†
512-Byte (1E00h – 1FFFh)
Data EEPROM
256-Byte (1F00h – 1FFFh)
4K-Byte ROM (7000h – 7FFFh)
† Reserved means the address space is reserved for future expansion.
Figure 1. Programmer’s Model


Similar Part No. - TMS370C056A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C056A TI-TMS370C056A Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C056AYYZ TI-TMS370C056AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C056A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com