Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT18135468104G Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MKT18135468104G
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18135468104G Datasheet(HTML) 2 Page - Coilcraft lnc.

  MKT18135468104G Datasheet HTML 1Page - Coilcraft lnc. MKT18135468104G Datasheet HTML 2Page - Coilcraft lnc. MKT18135468104G Datasheet HTML 3Page - Coilcraft lnc. MKT18135468104G Datasheet HTML 4Page - Coilcraft lnc. MKT18135468104G Datasheet HTML 5Page - Coilcraft lnc. MKT18135468104G Datasheet HTML 6Page - Coilcraft lnc. MKT18135468104G Datasheet HTML 7Page - Coilcraft lnc. MKT18135468104G Datasheet HTML 8Page - Coilcraft lnc. MKT18135468104G Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MKT 1813
Vishay Roederstein
DC Film Capacitor
MKT Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26013
18
Revision: 08-Dec-08
COMPOSITION OF CATALOG NUMBER
Note
For detailed tape specifications refer to “Packaging Information” www.vishay.com/doc?28139 or end of catalog
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C = 0.1 µF
80 x 10-4
150 x 10-4
250 x 10-4
0.1 µF
≤ C = 1.0 µF
80 x 10-4
150 x 10-4
-
C
≥ 1.0 µF
100 x 10-4
--
Capacitor length
(mm)
Maximum pulse rise time (dU/dt)R [V/µs]
63 Vdc
100 Vdc
250 Vdc
400 Vdc
630 Vdc
1000 Vdc
11
12
18
32
56
84
-
14
11
13
22
37
66
175
19
7
8
13
21
33
65
26.5
4
5
8
13
19
34
31.5
3
4
6
10
15
25
41.5
2
3
5
7
10
17
If the maximum pulse voltage is less than the rated voltage higher dU/dt values can be permitted.
R between leads, for C
≤ 0.33 µF and U
R ≤ 100 V
> 15 000 M
Ω
R between leads, for C
≤ 0.33 µF and U
R > 100 V
> 30 000 M
Ω
RC between leads, for C > 0.33 µF and UR ≤ 100 V
> 5000 s
RC between leads, for C > 0.33 µF and UR > 100 V
> 10 000 s
R between leads and case, 100 V; (foil method)
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
1.6 x URdc, 1 min
Maximum application temperature
100 °C
MKT 1813
X
XX
25
X
X
CAPACITANCE
(numerically)
Example:
468 = 680 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
TYPE
Un = 06 = 63 V
Un = 01 = 100 V
Un = 25 = 250 V
Un = 40 = 400 V
Un = 63 = 630 V
Un = 10 = 1000 V
SPECIAL LETTER FOR TAPED
Bulk
R
Reel
G
Ammopack
TOLERANCE
4± 5 %
5± 10 %
6± 20 %


Similar Part No. - MKT18135468104G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18135468104G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com