Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F67761IPZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67761IPZ
Description  POLYPHASE METERING SoCs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67761IPZ Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F67761IPZ Datasheet HTML 1Page - Texas Instruments MSP430F67761IPZ Datasheet HTML 2Page - Texas Instruments MSP430F67761IPZ Datasheet HTML 3Page - Texas Instruments MSP430F67761IPZ Datasheet HTML 4Page - Texas Instruments MSP430F67761IPZ Datasheet HTML 5Page - Texas Instruments MSP430F67761IPZ Datasheet HTML 6Page - Texas Instruments MSP430F67761IPZ Datasheet HTML 7Page - Texas Instruments MSP430F67761IPZ Datasheet HTML 8Page - Texas Instruments MSP430F67761IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
MSP430F677x1
MSP430F676x1
MSP430F674x1
www.ti.com
SLAS815B – NOVEMBER 2012 – REVISED APRIL 2013
POLYPHASE METERING SoCs
1
FEATURES
Accuracy < 0.1% Over 2000:1 Dynamic Range
High-Performance 25-MHz CPU With 32-Bit
for Phase Current
Multiplier
Meets or Exceeds ANSI C12.20 and IEC 62053
Wide Input Supply Voltage Range:
Standards
3.6 V Down to 1.8 V
Support for Multiple Sensors Such as Current
Ultra-Low Power Consumption During Energy
Transformers, Rogowski Coils, or Shunts
Measurement
Power Measurement for up to Three Phases
2.9 mW at 10-MHz Operation (3 V)
Plus Neutral
Multiple Low-Power Modes
Dedicated Pulse Output Pins for Active and
Standby Mode (LPM3): 2.1 µA at 3 V,
Reactive Energy for Calibration
Wakeup in Less Than 5 µs
Four-Quadrant Measurement per Phase or
RTC Mode (LPM3.5): 0.34 µA at 3 V
Cumulative
Shutdown Mode (LPM4.5): 0.18 µA at 3 V
Exact Phase Angle Measurements
Up to 512-KB Single-Cycle Flash
Digital Phase Correction for Current
Up to 32-KB RAM With Single-Cycle Access
Transformers
Up to Seven Independent 24-Bit Sigma-Delta
Temperature Compensated Energy
ADCs With Differential Inputs and Variable
Measurements
Gain
40-Hz to 70-Hz Line Frequency Range Using
System 10-Bit 200-ksps ADC
Single Calibration
Six Channels Plus Supply and Temperature
Flexible Power Supply Options With Automatic
Sensor Measurement
Switching
Integrated Hardware AES-128 Module for
Display Operates at Very Low Power During
Encryption
AC Mains Failure: 3 µA in LPM3
Six Enhanced Communications Ports
LCD Driver With Contrast Control for up to 320
Configurable Between Four UART, Six SPI,
Segments
and Two I²C Interfaces
Password-Protected Real-Time Clock With
Four 16-Bit Timers With Nine Total
Crystal Offset Calibration and Temperature
Capture/Compare Registers
Compensation
128-Pin LQFP (PEU) Package With 90 I/O Pins
Integrated Security Modules to Support Anti-
100-Pin LQFP (PZ) Package With 62 I/O Pins
Tamper and Encryption
Industrial Temperature Range of -40°C to 85°C
Multiple Communication Interfaces for Smart
Meter Implementations
3-Phase Electronic Watt-Hour Meter
Development Tools
EVM430-F6779 With SLAA577 App Note
MSP430™ Energy Library
For Complete Module Descriptions, See the
MSP430x5xx and MSP430x6xx Family User's
Guide (SLAU208)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F67761IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F67761IPZ TI1-MSP430F67761IPZ Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67761IPZR TI1-MSP430F67761IPZR Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
More results

Similar Description - MSP430F67761IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F677X1 TI1-MSP430F677X1 Datasheet
1Mb / 163P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_16 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67791A TI1-MSP430F67791A Datasheet
2Mb / 176P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F6779A TI1-MSP430F6779A Datasheet
2Mb / 176P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X1 TI1-MSP430F677X1_16 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67641A TI1-MSP430F67641A Datasheet
1Mb / 147P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_14 Datasheet
1Mb / 163P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F6776IPEU TI-MSP430F6776IPEU Datasheet
1Mb / 157P
[Old version datasheet]   POLYPHASE METERING SoCs
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com