Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C050A Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS370C050A
Description  8-BIT MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C050A Datasheet(HTML) 1 Page - Texas Instruments

  TMS370C050A Datasheet HTML 1Page - Texas Instruments TMS370C050A Datasheet HTML 2Page - Texas Instruments TMS370C050A Datasheet HTML 3Page - Texas Instruments TMS370C050A Datasheet HTML 4Page - Texas Instruments TMS370C050A Datasheet HTML 5Page - Texas Instruments TMS370C050A Datasheet HTML 6Page - Texas Instruments TMS370C050A Datasheet HTML 7Page - Texas Instruments TMS370C050A Datasheet HTML 8Page - Texas Instruments TMS370C050A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D CMOS/EEPROM/EPROM Technologies on a
Single Device
– Mask-ROM Devices for High-Volume
Production
– One-Time-Programmable (OTP) EPROM
Devices for Low-Volume Production
– Reprogrammable EPROM Devices for
Prototyping Purposes
D Internal System Memory Configurations
– On-Chip Program Memory Versions
– ROM: 4K to 48K Bytes
– EPROM: 16K to 48K Bytes
– ROM-less
– Data EEPROM: 256 or 512 Bytes
– Static RAM: 256 to 3.5K Bytes
– External Memory / Peripheral Wait States
– Precoded External Chip-Select Outputs
in Microcomputer Mode
D Flexible Operating Features
– Low-Power Modes: STANDBY and HALT
– Commercial, Industrial, and Automotive
Temperature Ranges
– Clock Options
– Divide-by-4 (0.5 MHz – 5 MHz SYSCLK)
– Divide-by-1 (2 MHz – 5 MHz SYSCLK)
Phase-Locked Loop (PLL)
– Supply Voltage (VCC): 5 V ± 10%
D Eight-Channel 8-Bit Analog-to-Digital
Converter 1 (ADC1)
D Two 16-Bit General-Purpose Timers
D On-Chip 24-Bit Watchdog Timer
D Two Communication Modules
– Serial Communications Interface 1 (SCI1)
– Serial Peripheral Interface (SPI)
D Flexible Interrupt Handling
D TMS370 Series Compatibility
D CMOS/Package /TTL-Compatible I/O Pins
– 64-Pin Plastic and Ceramic Shrink
Dual-In-Line Packages / 44 Bidirectional,
9 Input Pins
– 68-Pin Plastic and Ceramic Leaded Chip
Carrier Packages / 46 Bidirectional,
9 Input Pins
– All Peripheral Function Pins Are
Software Configurable for Digital I / O
D Workstation/PC-Based Development
System
– C Compiler and C Source Debugger
– Real-Time In-Circuit Emulation
– Extensive Breakpoint / Trace Capability
– Software Performance Analysis
– Multi-Window User Interface
– Microcontroller Programmer
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FN / FZ PACKAGE
( TOP VIEW )
C3
C4
C5
C6
C7
SPISOMI
SPICLK
SPISIMO
T1IC/CR
T1PWM
T1EVT
98 7 6 5 4 3
10
11
12
13
14
15
16
2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VCC2
VSS2
A0
A1
A2
A3
A4
A5
A6
A7
T2AEVT
T2AIC2/PWM
INT1
INT2
INT3
D1 / CSH3
D2 / CSH2
D3 / SYSCLK
D4 /R /W
D5 / CSPF
D6/CSH1/EDS
D7/CSE1/WAIT
RESET
JN / NM PACKAGE
( TOP VIEW )
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
B5
B6
B7
C0
MC
C1
C2
VSS1
C3
C4
C5
C6
C7
AN0
A0
A1
A2
A3
A4
A5
A6
A7
T2AEVT
T2AIC2 / PWM
T2AIC1 / CR
SCICLK
SCIRXD
SCITXD
XTAL2 / CLKIN
XTAL1
VCC1
VCC3
B4
B3
B2
B1
B0
D0 / CSE2 / OCF
VSS1
VCC1
D1 / CSH3
D3 / SYSCLK
D4 /R /W
D6 / CSH1 / EDS
D7 / CSE1 /WAIT
RESET
INT1
INT2
INT3
SPISOMI
SPISIMO
SPICLK
T1IC / CR
T1PWM
AN7
T1EVT
VSS1
AN6
AN5
AN4
AN3
AN1
AN2
VSS3


Similar Part No. - TMS370C050A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C050A TI-TMS370C050A Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C050AYYZ TI-TMS370C050AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C050A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com