Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9617A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9617A
Description  LEVEL-TRANSLATING FM I2C BUS REPEATER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9617A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA9617A Datasheet HTML 7Page - Texas Instruments TCA9617A Datasheet HTML 8Page - Texas Instruments TCA9617A Datasheet HTML 9Page - Texas Instruments TCA9617A Datasheet HTML 10Page - Texas Instruments TCA9617A Datasheet HTML 11Page - Texas Instruments TCA9617A Datasheet HTML 12Page - Texas Instruments TCA9617A Datasheet HTML 13Page - Texas Instruments TCA9617A Datasheet HTML 14Page - Texas Instruments TCA9617A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DUT
VCCA
VCCB
R
PUB
V
CCB
V
CCA
R
PUA
V
OUT
C
LA
C
LB
Open Drain
Driver
1 M
V
IN
DUT
Open Drain
Driver
VCCA
VCCB
R
PUB
V
CCB
V
CCA
R
PUA
1M
C
LA
C
LB
V
OUT
V
IN
TCA9617A
www.ti.com
SCPS244 – JUNE 2013
PARAMETER MEASUREMENT INFORMATION
Figure 11. Test Circuit for Open Drain Output from A to B
A.
VCCA = 0.9 V
B.
VCCB = 2.5 V
C.
RL = 240 Ω on the A-side and the B-side
D.
CL = 200 pF on A-side and 400 pF on B-side includes probe and jig capacitance
E.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate
≥ 1 V/ns
F.
The outputs are measured one at a time, with one transition per measurement.
Figure 12. Test Circuit for Open Drain Output from B to A
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TCA9617A


Similar Part No. - TCA9617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
TCA9617BDGKR TI1-TCA9617BDGKR Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
More results

Similar Description - TCA9617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
logo
NXP Semiconductors
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
   LEVEL TRANSLATING FM I2C-BUS REPEATER
logo
ON Semiconductor
PCA9617A ONSEMI-PCA9617A Datasheet
157Kb / 15P
   Level-Translating Fm I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com