Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F67681IPEUR Datasheet(PDF) 3 Page - Texas Instruments

Part # MSP430F67681IPEUR
Description  POLYPHASE METERING SoCs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67681IPEUR Datasheet(HTML) 3 Page - Texas Instruments

  MSP430F67681IPEUR Datasheet HTML 1Page - Texas Instruments MSP430F67681IPEUR Datasheet HTML 2Page - Texas Instruments MSP430F67681IPEUR Datasheet HTML 3Page - Texas Instruments MSP430F67681IPEUR Datasheet HTML 4Page - Texas Instruments MSP430F67681IPEUR Datasheet HTML 5Page - Texas Instruments MSP430F67681IPEUR Datasheet HTML 6Page - Texas Instruments MSP430F67681IPEUR Datasheet HTML 7Page - Texas Instruments MSP430F67681IPEUR Datasheet HTML 8Page - Texas Instruments MSP430F67681IPEUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
MSP430F677x1
MSP430F676x1
MSP430F674x1
www.ti.com
SLAS815B – NOVEMBER 2012 – REVISED APRIL 2013
DESCRIPTION
The Texas Instruments F677x family of polyphase metering SoCs are powerful, highly integrated solutions for
revenue meters that offer accuracy and low system cost with few external components. The F677x uses the low-
power MSP430 CPU with a 32-bit multiplier to perform all energy calculations, metering applications such as
tariff rate management, and communications with AMR and AMI modules.
The F677x features Texas Instruments' 24-bit sigma delta converter technology which provides better than 0.1%
accuracy. Family members include up to 512KB flash and 32KB RAM and an LCD controller with support for up
to 320 segments.
The ultra-low-power nature of the F677x means that the system power supply can be minimized to reduce overall
cost. Lowest standby power means that backup energy storage can be minimized and critical data retained
longer in case of a mains power failure.
The F677x family executes the Texas Instruments energy measurement software library which calculates all
relevant energy and power results. The energy measurement software library is available with the F677x at no
cost. Industry standard development tools and hardware platforms are available to speed development of meters
that meet all of the ANSI and IEC standards globally.
Family members available are summarized in Table 1.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - MSP430F67681IPEUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F67681IPEUR TI1-MSP430F67681IPEUR Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
More results

Similar Description - MSP430F67681IPEUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F677X1 TI1-MSP430F677X1 Datasheet
1Mb / 163P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_16 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67791A TI1-MSP430F67791A Datasheet
2Mb / 176P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F6779A TI1-MSP430F6779A Datasheet
2Mb / 176P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X1 TI1-MSP430F677X1_16 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67641A TI1-MSP430F67641A Datasheet
1Mb / 147P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_14 Datasheet
1Mb / 163P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F6776IPEU TI-MSP430F6776IPEU Datasheet
1Mb / 157P
[Old version datasheet]   POLYPHASE METERING SoCs
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com