Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT18132468064G Datasheet(PDF) 11 Page - Coilcraft lnc.

Part # MKT18132468064G
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18132468064G Datasheet(HTML) 11 Page - Coilcraft lnc.

Back Button MKT18132468064G Datasheet HTML 5Page - Coilcraft lnc. MKT18132468064G Datasheet HTML 6Page - Coilcraft lnc. MKT18132468064G Datasheet HTML 7Page - Coilcraft lnc. MKT18132468064G Datasheet HTML 8Page - Coilcraft lnc. MKT18132468064G Datasheet HTML 9Page - Coilcraft lnc. MKT18132468064G Datasheet HTML 10Page - Coilcraft lnc. MKT18132468064G Datasheet HTML 11Page - Coilcraft lnc. MKT18132468064G Datasheet HTML 12Page - Coilcraft lnc. MKT18132468064G Datasheet HTML 13Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 08-Dec-08
27
MKT 1813
DC Film Capacitor
MKT Axial Type
Vishay Roederstein
4.9
Shock
Mounting:
See section “Mounting” of this specification
Pulse shape: Half sine
Acceleration: 490 m/s²
Duration of pulse: 11 ms
4.9.3
Final measurements
Visual examination
No visible damage
Capacitance
|ΔC/C| ≤ 3 % of the value measured in 4.6.1
Tangent of loss angle
Increase of tan
δ
≤ 0.005 for:
C
≤ 100 nF or
≤ 0.010 for:
100 nF < C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.6.1
Insulation resistance
As specified in section “Insulation
Resistance” of this specification
SUB-GROUP C1 COMBINED SAMPLE
OF SPECIMENS OF SUB-GROUPS
C1A AND C1B
4.10
Climatic sequence
4.10.2
Dry heat
Temperature: + 100 °C
Duration: 16 h
4.10.3
Damp heat cyclic
Test Db, first cycle
4.10.4
Cold
Temperature: - 55 °C
Duration: 2 h
4.10.6
Damp heat cyclic
Test Db, remaining cycles
4.10.6.2 Final measurements
Voltage proof = URdc for 1 min within 15 min
after removal from testchamber
No breakdown of flash-over
Visual examination
No visible damage
Legible marking
Capacitance
|ΔC/C| ≤ 5 % of the value measured in
4.4.2 or 4.9.3
Tangent of loss angle
Increase of tan
δ
≤ 0.007 for:
C
≤ 100 nF or
≤ 0.010 for:
100 nF < C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.005 for:
C > 470 nF
Compared to values measured in
4.3.1 or 4.6.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation resistance” of this specification
SUB-GROUP C2
4.11
Damp heat steady state
56 days, 40 °C, 90 % to 95 % RH
4.11.1
Initial measurements
Capacitance
Tangent of loss angle at 1 kHz
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Similar Part No. - MKT18132468064G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18132468064G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com