Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495X687004AE040 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T495X687004AE040
Description  Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495X687004AE040 Datasheet(HTML) 4 Page - Kemet Corporation

  T495X687004AE040 Datasheet HTML 1Page - Kemet Corporation T495X687004AE040 Datasheet HTML 2Page - Kemet Corporation T495X687004AE040 Datasheet HTML 3Page - Kemet Corporation T495X687004AE040 Datasheet HTML 4Page - Kemet Corporation T495X687004AE040 Datasheet HTML 5Page - Kemet Corporation T495X687004AE040 Datasheet HTML 6Page - Kemet Corporation T495X687004AE040 Datasheet HTML 7Page - Kemet Corporation T495X687004AE040 Datasheet HTML 8Page - Kemet Corporation T495X687004AE040 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2009_T495 • 10/7/2013
44
Low ESR MnO
2 Tantalum & Aluminum Surface Mount Capacitors – T495 Surge Robust Low ESR MnO2 Series
Electrical Characteristics
1
10
100
1000
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T495C476M016ATE350
T495D157M016ATE085
T495X227M016ATE100
Capacitancevs.Frequency
0.01
0.1
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T495C476M016ATE350_IMP
T495D157M016ATE085_IMP
T495X227M016ATE100_IMP
T495C476M016ATE350_ESR
T495D157M016ATE085_ESR
T495X227M016ATE100_ESR
ESRvs.Frequency
Dimensions – Millimeters (Inches)
Metric will govern
15
Termination
cutout at
KEMET’s
option,
either end
Case Size
Component
KEMET
EIA
L*
W*
H*
F*±0.1
±(.004)
S* ±0.3
±(.012)
B* ±0.15
(Ref) ±.006 X (Ref)
P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
A
3216–18
3.2 ± 0.2
(.126 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.6 ± 0.2
(.063 ± .008) 1.2 (.047) 0.8 (.031)
0.4 (.016)
0.10 ± 0.10
(.004 ± .004)
0.4 (.016)
0.4 (.016) 0.13 (.005) 0.8 (.31) 1.1 (.043) 1.3 (.051)
B
3528–21
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.9 ± 0.2
(.075 ± .008) 2.2 (.087) 0.8 (.031)
0.4 (.016)
0.10 ± 0.10
(.004 ± .004) 0.5 (.020)
1.0 (.039) 0.13 (.005) 1.1 (0.043) 1.8 (.071) 2.2 (.087)
C
6032–28
6.0 ± 0.3
(.236 ± .03)
3.2 ± 0.3
(.126 ± .012)
2.5 ± 0.3
(.098 ± .012) 2.2 (.087) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094)
D
7343–31
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.8 ± 0.3
(.110 ± .012)
2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
X
7343–43
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
4.0 ± 0.3
(.157 ± .012) 2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004)
1.7 (.067)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
E
7360–38
7.3 ± 0.3
(.287 ± .012)
6.0± 0.3
(.236 ± .012)
3.6 ± 0.2
(.142 ± .008)
4.1 (.161) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
T
3528–12
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.2 (.047)
2.2 (.087) 0.8 (.031)
N/A
0.05 (.002)
N/A
N/A
0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087)
V
7343–20
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.0 (.079)
2.4 (.094) 1.3 (.051)
N/A
0.05 (.002)
N/A
N/A
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
Notes: (Ref) – Dimensions provided for reference only. No dimensions provided for B, P or R because low profile cases do not have a bevel or a notch.
* MIL–PRF–55365/8 specified dimensions


Similar Part No. - T495X687004AE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X687K006ATE100 KEMET-T495X687K006ATE100 Datasheet
75Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 680 uF, 10%, 6.3 VDC, SMD, MnO2, Molded, Low ESR, 100 mOhms, 7343, Height Max = 4.3mm
More results

Similar Description - T495X687004AE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495C107K016ZTE200 KEMET-T495C107K016ZTE200 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495D226K035ATE250 KEMET-T495D226K035ATE250 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X107K020ZTE150 KEMET-T495X107K020ZTE150 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com