Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233SKGDA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233SKGDA
Description  3.3-V CAN TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD233SKGDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD233SKGDA Datasheet HTML 2Page - Texas Instruments SN65HVD233SKGDA Datasheet HTML 3Page - Texas Instruments SN65HVD233SKGDA Datasheet HTML 4Page - Texas Instruments SN65HVD233SKGDA Datasheet HTML 5Page - Texas Instruments SN65HVD233SKGDA Datasheet HTML 6Page - Texas Instruments SN65HVD233SKGDA Datasheet HTML 7Page - Texas Instruments SN65HVD233SKGDA Datasheet HTML 8Page - Texas Instruments SN65HVD233SKGDA Datasheet HTML 9Page - Texas Instruments SN65HVD233SKGDA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SN65HVD233-HT
SLLS933F – NOVEMBER 2008 – REVISED AUGUST 2012
www.ti.com
FUNCTION TABLES
(1)
(1)
H = high level, L = low level, Z = high impedance, X = irrelevant, ? = indeterminate
DRIVER
INPUTS
OUTPUTS
D
LBK
Rs
CANH
CANL
BUS STATE
X
X
>0.75 VCC
Z
Z
Recessive
L
L or open
H
L
Dominant
≤0.33 VCC
H or open
X
Z
Z
Recessive
X
H
≤0.33 VCC
Z
Z
Recessive
RECEIVER
INPUTS
OUTPUT
BUS STATE
VID = V(CANH) – V(CANL)
LBK
D
R
Dominant
VID ≥ 0.9 V
L or open
X
L
Recessive
VID ≤ 0.5 V or open
L or open
H or open
H
?
0.5 V < VID < 0.9 V
L or open
H or open
?
X
X
L
L
H
X
X
H
H
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage range
–0.3 to 7
V
Voltage range at any bus terminal (CANH or CANL)
–36 to 36
V
Voltage input range, transient pulse (CANH and CANL) through 100
Ω (see Figure 8)
–100 to 100
V
VI
Input voltage range (D, R, RS, LBK)
–0.5 to 7
V
IO
Receiver output current
–10 to 10
mA
CANH, CANL, and GND
16
Human-Body Model (HBM)(3)
Electrostatic discharge
All pins
3
kV
Charged-Device Mode (CDM)(4)
All pins
1
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
6
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: SN65HVD233-HT


Similar Part No. - SN65HVD233SKGDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
More results

Similar Description - SN65HVD233SKGDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com