Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233-HT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233-HT
Description  3.3-V CAN TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD233-HT Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD233-HT Datasheet HTML 5Page - Texas Instruments SN65HVD233-HT Datasheet HTML 6Page - Texas Instruments SN65HVD233-HT Datasheet HTML 7Page - Texas Instruments SN65HVD233-HT Datasheet HTML 8Page - Texas Instruments SN65HVD233-HT Datasheet HTML 9Page - Texas Instruments SN65HVD233-HT Datasheet HTML 10Page - Texas Instruments SN65HVD233-HT Datasheet HTML 11Page - Texas Instruments SN65HVD233-HT Datasheet HTML 12Page - Texas Instruments SN65HVD233-HT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SN65HVD233-HT
www.ti.com
SLLS933F – NOVEMBER 2008 – REVISED AUGUST 2012
DRIVER SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RS = 0 V, See Figure 5
35
85
50
50
Propagation delay
RS with 10 kΩ to ground,
time,
70
125
75
75
tPLH
See Figure 5
ns
low-to-high-level
RS with 100 kΩ to ground,
output
500
870
500
500
See Figure 5
RS = 0 V,
70
120
70
70
See Figure 5
Propagation delay
time,
RS with 10 kΩ to ground,
tPHL
130
180
130
130
ns
high-to-low-level
See Figure 5
output
RS with 100 kΩ to ground,
870
1200
870
870
See Figure 5
RS = 0 V,
35
9
9
See Figure 5
Pulse skew
RS with 10 kΩ to ground,
tsk(p)
60
35
35
ns
(|tPHL – tPLH|)
See Figure 5
RS with 100 kΩ to ground,
370
475
475
See Figure 5
Differential output
tr
20
70
20
75
20
75
signal rise time
RS = 0 V, See Figure 5
ns
Differential output
tf
18
70
20
75
20
75
signal fall time
Differential output
tr
30
135
30
140
30
140
signal rise time
RS with 10 kΩ to ground,
ns
See Figure 5
Differential output
tf
30
135
30
140
30
140
signal fall time
Differential output
tr
250
1400
250
1400
250
1400
signal rise time
RS with 100 kΩ to ground,
ns
See Figure 5
Differential output
tf
350
1400
350
1400
350
1400
signal fall time
Enable time from
ten(s)
standby to
See Figure 9
0.6
1.5
0.6
1.5
0.6
1.5
μs
dominant
(1)
Minimum and maximum parameters are characterized for operation at TA = 210°C but not production tested at TA = 175°C or 210°C.
(2)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
RECEIVER ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Positive-going input
VIT+
620
900
600
900
600
900
mV
threshold voltage
Negative-going
VIT–
input threshold
LBK = 0 V, See Table 2
500
715
500
725
500
725
mV
voltage
Hysteresis voltage
Vhys
100
140
140
mV
(VIT+ – VIT–)
High-level output
VOH
IO = –4 mA, See Figure 7
2.4
2.4
2.4
V
voltage
(1)
Minimum and maximum parameters are characterized for operation at TA = 210°C and are not chacterized or production tested at
TA = 175°C.
(2)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD233-HT


Similar Part No. - SN65HVD233-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V Automotive CAN Bus Transceivers
More results

Similar Description - SN65HVD233-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com