Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2980AIM5X-2.5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980AIM5X-2.5
Description  Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2980AIM5X-2.5 Datasheet(HTML) 1 Page - Texas Instruments

  LP2980AIM5X-2.5 Datasheet HTML 1Page - Texas Instruments LP2980AIM5X-2.5 Datasheet HTML 2Page - Texas Instruments LP2980AIM5X-2.5 Datasheet HTML 3Page - Texas Instruments LP2980AIM5X-2.5 Datasheet HTML 4Page - Texas Instruments LP2980AIM5X-2.5 Datasheet HTML 5Page - Texas Instruments LP2980AIM5X-2.5 Datasheet HTML 6Page - Texas Instruments LP2980AIM5X-2.5 Datasheet HTML 7Page - Texas Instruments LP2980AIM5X-2.5 Datasheet HTML 8Page - Texas Instruments LP2980AIM5X-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP2980-N
www.ti.com
SNOS733M – APRIL 2000 – REVISED JUNE 2013
LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
Check for Samples: LP2980-N
1
FEATURES
DESCRIPTION
The LP2980-N is a 50 mA, fixed-output voltage
2
Ultra Low Dropout Voltage
regulator
designed
specifically
to
meet
the
Output Voltage Accuracy 0.5% (A Grade)
requirements of battery-powered applications.
Ensured 50 mA Output Current
Using an optimized VIP (Vertically Integrated PNP)
Requires Only 1
μF External Capacitance
process,
the
LP2980-N
delivers
unequaled
< 1
μA Quiescent Current When Shutdown
performance in all specifications critical to battery-
powered designs:
Low Ground Pin Current at all Load Currents
Dropout Voltage. Typically 120 mV @ 50 mA load,
High Peak Current Capability (150 mA Typical)
and 7 mV @ 1 mA load.
Wide Supply Voltage Range (16V Max)
Ground Pin Current. Typically 375
μA @ 50 mA
Fast Dynamic Response to Line and Load
load, and 80
μA @ 1 mA load.
Low ZOUT Over Wide Frequency Range
Sleep Mode. Less than 1
μA quiescent current when
Over-Temperature and Over-Current
ON/OFF pin is pulled low.
Protection
Minimum Part Count. Requires only 1
μF of external
−40°C to +125°C Junction Temperature Range
capacitance on the regulator output.
APPLICATIONS
Precision Output. 0.5% tolerance output voltages
available (A grade).
Cellular Phone
Palmtop/Laptop Computer
5.0V, 4.7V, 3.3V, 3.0V and 2.5V versions available as
standard products.
Personal Digital Assistant (PDA)
Camcorder, Personal Stereo, Camera
Block Diagram
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2980AIM5X-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980AIM5X-2.5 NSC-LP2980AIM5X-2.5 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2980AIM5X-2.5 TI1-LP2980AIM5X-2.5 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5X-2.5 TI-LP2980AIM5X-2.5 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5X-2.5 TI-LP2980AIM5X-2.5 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5X-2.5 TI1-LP2980AIM5X-2.5 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
More results

Similar Description - LP2980AIM5X-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5-3.3 TI-LP2980AIM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980AIM5-5.0 TI-LP2980AIM5-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com