Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMG9AT148 Datasheet(PDF) 1 Page - Rohm

Part # FMG9AT148
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG9AT148 Datasheet(HTML) 1 Page - Rohm

  FMG9AT148 Datasheet HTML 1Page - Rohm FMG9AT148 Datasheet HTML 2Page - Rohm FMG9AT148 Datasheet HTML 3Page - Rohm FMG9AT148 Datasheet HTML 4Page - Rohm FMG9AT148 Datasheet HTML 5Page - Rohm FMG9AT148 Datasheet HTML 6Page - Rohm FMG9AT148 Datasheet HTML 7Page - Rohm FMG9AT148 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
EMG9 / UMG9N / FMG9A
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
1) Built-In Biasing Resistors, R1 = R2 = 10kW.
2) Two DTC114E chips in one package.
3) Emitter(GND)-common type.
4) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
5) The bias resistors consist of thin-film resistors
lInner circuit
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
6) Only the on/off conditions need to be set for
operation, making the circuit design easy.
7) Lead Free/RoHS Compliant.
lApplication
Inverter circuit, Interface circuit, Driver circuit
lPackaging specifications
R1
10kW
R2
10kW
Parameter
Tr1 and Tr2
VCC
50V
IC(MAX.)
100mA
Part No.
Package
Package
size
(mm)
Taping
code
8,000
G9
8
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
Reel size
(mm)
EMG9
EMT5
1616
T2R
180
3,000
G9
FMG9A
3,000
G9
UMG9N
UMT5
2021
TR
180
8
SMT5
2928
T148
180
8
EMT5
UMT5
SMT5
EMG9
(SC-107BB)
FMG9A
(SC-74A)
UMG9N
SOT-353 (SC-88A)
(1)
(5)
(4)
(2)
(3)
(4)
OUT
IN
(3)
GND
(2)
(5)
OUT
IN
(1)
(2)
OUT
IN
(3)
GND
(4)
(1)
OUT
IN
(5)
EMG9 / UMG9N
FMG9A
(2)
(1)
(3)
(4)
(5)
(5)
(1)
(2)
(4)
(3)
1/7
2012.06 - Rev.B


Similar Part No. - FMG9AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
logo
Guangdong Kexin Industr...
FMG9A KEXIN-FMG9A Datasheet
186Kb / 2P
   Emitter common
More results

Similar Description - FMG9AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG3 ROHM-UMG3 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG6NTR ROHM-UMG6NTR Datasheet
434Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com