Electronic Components Datasheet Search |
|
MKT18135468104R Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
MKT18135468104R Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 13 page Document Number: 26013 For technical questions, contact: dc-film@vishay.com www.vishay.com Revision: 08-Dec-08 17 DC Film Capacitor MKT Axial Type MKT 1813 Vishay Roederstein Dimensions in mm MAIN APPLICATIONS Blocking, bypassing, filtering, timing, coupling and decoupling, interference suppression in low voltage applications REFERENCE STANDARDS IEC 60384-2 MARKING C-value; tolerance; rated voltage; manufacturer’s type; code for dielectric material; manufacturer location; manufacturer’s logo; year and week DIELECTRIC Polyester film ELECTRODES Metallized CONSTRUCTION Mono and internal series construction RATED (DC) VOLTAGE 63 V, 100 V, 250 V, 400 V, 630 V, 1000 V RATED (AC) VOLTAGE 40 V, 63 V, 160 V, 200 V, 220 V FEATURES Supplied loose in box, taped on ammopack or reel RoHS compliant ENCAPSULATION Plastic-wrapped, epoxy resin sealed, flame retardant CLIMATIC TESTING CLASS ACC. TO IEC 60068-1 55/100/56 CAPACITANCE RANGE (E12 SERIES) 470 pF to 22 µF CAPACITANCE TOLERANCE ± 20 %, ± 10 %, ± 5 % LEADS Tinned wire MAXIMUM APPLICATION TEMPERATURE 100 °C PULL TEST ON LEADS Minimum 20 N in direction of leads according to IEC 60068-2-21 BENT TEST ON LEADS 2 bends trough 90° combined with 10 N tensile strength RELIABILITY Operational life > 300 000 h (40 °C/0.5 UR) Failure rate < 2 FIT (40 °C/0.5 UR) DETAIL SPECIFICATION For more detailed data and test requirements contact: dc-film@vishay.com LEAD DIAMETER d (mm) D (mm) 0.6 ≤ 5.0 0.7 > 5.0 ≤ 7.0 0.8 > 7.0 < 16.5 1.0 ≥ 16.5 L Max. 40.0 ± 5.0 40.0 ± 5.0 Ø d D Max. |
Similar Part No. - MKT18135468104R |
|
Similar Description - MKT18135468104R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |