Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-503UAC2V-2AD Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-503UAC2V-2AD
Description  5mm Round Standard T-1 3/4 Type Ultra Amber LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-503UAC2V-2AD Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-503UAC2V-2AD Datasheet HTML 1Page - Lucky Light Electronic LL-503UAC2V-2AD Datasheet HTML 2Page - Lucky Light Electronic LL-503UAC2V-2AD Datasheet HTML 3Page - Lucky Light Electronic LL-503UAC2V-2AD Datasheet HTML 4Page - Lucky Light Electronic LL-503UAC2V-2AD Datasheet HTML 5Page - Lucky Light Electronic LL-503UAC2V-2AD Datasheet HTML 6Page - Lucky Light Electronic LL-503UAC2V-2AD Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No.: B525 X250
Rev No.: V.2
Date: Jul/16/2009
Page: 2 OF 7
Approved: JoJo
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Features:
Descriptions:
Applications:
Popular T-1 3/4 diameter package.
High efficiency.
Selected minimum intensities.
Available on tape and reel.
Reliable and robust.
The product itself will remain within RoHS complaint Version.
The series is specially designed for applications requiring higher brightness.
The LED lamps are available with different colors, intensities.
TV set.
Monitor.
Telephone.
Computer.
Circuit board.
Status indicators.
Commercial use.
Advertising Signs.
Back lighting.
Traffic indicators.


Similar Part No. - LL-503UAC2V-2AD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503UAC2V-1AD LUCKY-LIGHT-LL-503UAC2V-1AD Datasheet
139Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Amber LED Technical Data Sheet
LL-503UAC2V-3AD LUCKY-LIGHT-LL-503UAC2V-3AD Datasheet
139Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Amber LED Technical Data Sheet
More results

Similar Description - LL-503UAC2V-2AD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503UAC2V-1AD LUCKY-LIGHT-LL-503UAC2V-1AD Datasheet
139Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Amber LED Technical Data Sheet
LL-503UAC2V-3AD LUCKY-LIGHT-LL-503UAC2V-3AD Datasheet
139Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Amber LED Technical Data Sheet
LL-503VC2E-V1-4IC LUCKY-LIGHT-LL-503VC2E-V1-4IC Datasheet
137Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Red LED Technical Data Sheet
LL-503VC2E-V1-2BC LUCKY-LIGHT-LL-503VC2E-V1-2BC Datasheet
137Kb / 7P
   5mm Round Standard T-1 3/4 Type Ultra Red LED Technical Data Sheet
LL-503VC2V-V1-TSD LUCKY-LIGHT-LL-503VC2V-V1-TSD Datasheet
170Kb / 7P
   5mm Round T-1 3/4 Type Ultra Red LED Technical Data Sheet
LL-503UAC2E-1AC LUCKY-LIGHT-LL-503UAC2E-1AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Amber LED Technical Data Sheet
LL-503UAC2E-2AC LUCKY-LIGHT-LL-503UAC2E-2AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Amber LED Technical Data Sheet
LL-503UAC2E-3AC LUCKY-LIGHT-LL-503UAC2E-3AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Amber LED Technical Data Sheet
LL-503VC2V-V1-2BD LUCKY-LIGHT-LL-503VC2V-V1-2BD Datasheet
137Kb / 7P
   5mm Round Standard Type Ultra Red LED Technical Data Sheet
LL-503UYC2V-Y2-4GD LUCKY-LIGHT-LL-503UYC2V-Y2-4GD Datasheet
138Kb / 7P
   5mm Round Standard Type Ultra Yellow LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com