Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD62321HFP Datasheet(PDF) 8 Page - Rohm

Part # BD62321HFP
Description  DC Brush Motor Drivers (36V max.)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62321HFP Datasheet(HTML) 8 Page - Rohm

Back Button BD62321HFP Datasheet HTML 4Page - Rohm BD62321HFP Datasheet HTML 5Page - Rohm BD62321HFP Datasheet HTML 6Page - Rohm BD62321HFP Datasheet HTML 7Page - Rohm BD62321HFP Datasheet HTML 8Page - Rohm BD62321HFP Datasheet HTML 9Page - Rohm BD62321HFP Datasheet HTML 10Page - Rohm BD62321HFP Datasheet HTML 11Page - Rohm BD62321HFP Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Datasheet
Datasheet
8/13
TSZ02201-0P2P0B300110-1-2
25.Dec.2012 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BD62321HFP
e) f) PWM control mode
The rotational speed of the motor can be controlled by the duty cycle of the PWM signal fed to the FIN pin or the
RIN pin. In this mode, the high side output is fixed and the low side output is switching, corresponding to the input
signal. The state of the output toggles between "L" and "Hi-Z".
The frequency of the input PWM signal can be between 20kHz and 100kHz. The circuit may not operate properly for
PWM frequencies below 20kHz and above 100kHz. Note that control may not be attained by switching on duty at
frequencies lower than 20kHz, since the operation functions via the stand-by mode. To operate in this mode, connect
the VREF pin to the VCC pin. In addition, establish a current path for the recovery current from the motor, by
connecting a bypass capacitor (10µF or higher is recommended) between VCC and ground.
Control input : H
Control input : L
Fig.16
PWM control operation (output stage)
Fig.17
PWM control operation (timing chart)
2)
Cross-conduction protection circuit
In the full bridge output stage, when the upper and lower transistors are turned on at the same time during high to low
or low to high transition, an inrush current flows from the power supply to ground, resulting to a loss. This circuit
eliminates the inrush current by providing a dead time (about 800ns, nominal) during the transition.
3)
Output protection circuits
a) Under voltage lock out (UVLO) circuit
To ensure the lowest power supply voltage necessary to operate the controller, and to prevent under voltage
malfunctions, a UVLO circuit has been built into this driver. When the power supply voltage falls to 5.3V (nominal) or
below, the controller forces all driver outputs to high impedance. When the voltage rises to 5.5V (nominal) or above,
the UVLO circuit ends the lockout operation and returns the chip to normal operation.
b) Over voltage protection (OVP) circuit
When the power supply voltage exceeds 45V (nominal), the controller forces all driver outputs to high impedance.
The OVP circuit is released and its operation ends when the voltage drops back to 40V (nominal) or below. This
protection circuit does not work in the stand-by mode. Also, note that this circuit is supplementary, and thus if it is
asserted, the absolute maximum rating will have been exceeded. Therefore, do not continue to use the IC after this
circuit is activated, and do not operate the IC in an environment where activation of the circuit is assumed.
FIN
RIN
OUT1
OUT2
M
ON
OFF
OFF
ON
M
ON
OFF
OFF
OFF


Similar Part No. - BD62321HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
More results

Similar Description - BD62321HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com