Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq27530YZFR-G1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # bq27530YZFR-G1
Description  Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq27530YZFR-G1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button bq27530YZFR-G1 Datasheet HTML 3Page - Texas Instruments bq27530YZFR-G1 Datasheet HTML 4Page - Texas Instruments bq27530YZFR-G1 Datasheet HTML 5Page - Texas Instruments bq27530YZFR-G1 Datasheet HTML 6Page - Texas Instruments bq27530YZFR-G1 Datasheet HTML 7Page - Texas Instruments bq27530YZFR-G1 Datasheet HTML 8Page - Texas Instruments bq27530YZFR-G1 Datasheet HTML 9Page - Texas Instruments bq27530YZFR-G1 Datasheet HTML 10Page - Texas Instruments bq27530YZFR-G1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
bq27530-G1
www.ti.com
SLUSAL5 – DECEMBER 2012
ADC (TEMPERATURE AND CELL MEASUREMENT) CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VADC1
Input voltage range (TS)
VSS
2
V
0.125
VADC2
Input voltage range (BAT)
VSS
5
V
0.125
VIN(ADC)
Input voltage range
0.05
1
V
GTEMP
Internal temperature sensor
–2
mV/°C
voltage gain
tADC_CONV
Conversion time
125
ms
Resolution
14
15
bits
VOS(ADC)
Input offset
1
mV
ZADC1
(1)
Effective input resistance (TS)
8
M
bq27530-G1 not measuring cell
8
M
voltage
ZADC2
(1)
Effective input resistance (BAT)
bq27530-G1 measuring cell voltage
100
k
Ilkg(ADC)
(1)
Input leakage current
0.3
μA
(1)
Specified by design. Not tested in production.
INTEGRATING ADC (COULOMB COUNTER) CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSR
Input voltage range,
VSR = V(SRP) – V(SRN)
–0.125
0.125
V
V(SRP) and V(SRN)
tSR_CONV
Conversion time
Single conversion
1
s
Resolution
14
15
bits
VOS(SR)
Input offset
10
μV
INL
Integral nonlinearity error
±0.007
±0.034
% FSR
ZIN(SR)
(1)
Effective input resistance
2.5
M
Ilkg(SR)
(1)
Input leakage current
0.3
μA
(1)
Specified by design. Not tested in production.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :bq27530-G1


Similar Part No. - bq27530YZFR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530YZFR-G1 TI1-BQ27530YZFR-G1 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results

Similar Description - bq27530YZFR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27532-G1 TI1-BQ27532-G1 Datasheet
1Mb / 35P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com