Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2413T6M-E2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPG2413T6M-E2
Description  SP3T SWITCH FOR BluetoothTM AND 802.11b/g
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2413T6M-E2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPG2413T6M-E2 Datasheet HTML 1Page - Renesas Technology Corp UPG2413T6M-E2 Datasheet HTML 2Page - Renesas Technology Corp UPG2413T6M-E2 Datasheet HTML 3Page - Renesas Technology Corp UPG2413T6M-E2 Datasheet HTML 4Page - Renesas Technology Corp UPG2413T6M-E2 Datasheet HTML 5Page - Renesas Technology Corp UPG2413T6M-E2 Datasheet HTML 6Page - Renesas Technology Corp UPG2413T6M-E2 Datasheet HTML 7Page - Renesas Technology Corp UPG2413T6M-E2 Datasheet HTML 8Page - Renesas Technology Corp UPG2413T6M-E2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2010
DESCRIPTION
The
μPG2413T6M is a GaAs MMIC SP3T switch which was developed for Bluetooth, wireless LAN.
This device can operate frequencies from 0.5 to 3.0 GHz, with low insertion loss.
This device is housed in a 12-pin plastic TSQFN (Thin Small Quad Flat Non-leaded) (T6M) package and is suitable
for high-density surface mounting.
FEATURES
• Switch Control voltage
: Vcont (H) = 3.0 V TYP., Vcont (L) = 0 V TYP.
• Low insertion loss
: Lins = 0.35 dB TYP. @ f = 1.0 GHz
: Lins = 0.45 dB TYP. @ f = 2.0 GHz
: Lins = 0.50 dB TYP. @ f = 2.5 GHz
• High isolation
: ISL = 26 dB TYP. @ f = 1.0 GHz
: ISL = 20 dB TYP. @ f = 2.0 GHz
: ISL = 18 dB TYP. @ f = 2.5 GHz
• Handling power
: Pin (0.1 dB) = +28.0 dBm TYP. @ f = 2.5 GHz, Vcont (H) = 3.0 V, Vcont (L) = 0 V
• High-density surface mounting : 12-pin plastic TSQFN (T6M) package (2.0
× 2.0 × 0.37 mm)
APPLICATIONS
• Bluetooth and IEEE802.11b/g etc.
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
μPG2413T6M-E2 μPG2413T6M-E2-A
12-pin plastic TSQFN
(T6M) (Pb-Free)
2413
• Embossed tape 8 mm wide
• Pin 10, 11, 12 face the perforation side of the tape
• Qty 3 kpcs/reel
Remark To order evaluation samples, please contact your nearby sales office.
Part number for sample order:
μPG2413T6M
DATA SHEET
Caution Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can
damage this device. This device must be protected at all times from ESD. Static charges may
easily produce potentials of several kilovolts on the human body or equipment, which can
discharge without detection. Industry-standard ESD precautions must be employed at all times.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SP3T SWITCH FOR BluetoothTM AND 802.11b/g
GaAs INTEGRATED CIRCUIT
μPG2413T6M
Document No. PG10792EJ01V0DS (1st edition)
Date Published February 2010 NS
Printed in Japan


Similar Part No. - UPG2413T6M-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2413T6Z RENESAS-UPG2413T6Z Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
UPG2413T6Z-E2 RENESAS-UPG2413T6Z-E2 Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
UPG2413T6Z-E2-A RENESAS-UPG2413T6Z-E2-A Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
More results

Similar Description - UPG2413T6M-E2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2150T5L CEL-UPG2150T5L_07 Datasheet
177Kb / 10P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
NEC
UPG2150T5L NEC-UPG2150T5L Datasheet
90Kb / 9P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
Renesas Technology Corp
UPG2413T6Z RENESAS-UPG2413T6Z Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
logo
Skyworks Solutions Inc.
SKY13251-349 SKYWORKS-SKY13251-349 Datasheet
279Kb / 5P
   SP3T Switch for Bluetooth짰 and 802.11b, g
logo
TriQuint Semiconductor
TQS5201 TRIQUINT-TQS5201 Datasheet
415Kb / 9P
   TX-RX and Diversity Switch for Dualmode, 802.11b & g Systems
logo
Renesas Technology Corp
UPG2430T6Z-E2-A RENESAS-UPG2430T6Z-E2-A Datasheet
2Mb / 14P
   GaAs Integrated Circuit SP3T Switch for Bluetooth짰 and 802.11a/b/g
UPG2430T6Z RENESAS-UPG2430T6Z Datasheet
327Kb / 15P
   GaAs Integrated Circuit SP3T Switch for Bluetooth® and 802.11a/b/g
Oct 24, 2011
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
Murata Manufacturing Co...
LBWA1ZZVK7-539 MURATA-LBWA1ZZVK7-539 Datasheet
612Kb / 26P
   802.11b/g module
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com