Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT18133468014R Datasheet(PDF) 7 Page - Coilcraft lnc.

Part # MKT18133468014R
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18133468014R Datasheet(HTML) 7 Page - Coilcraft lnc.

Back Button MKT18133468014R Datasheet HTML 3Page - Coilcraft lnc. MKT18133468014R Datasheet HTML 4Page - Coilcraft lnc. MKT18133468014R Datasheet HTML 5Page - Coilcraft lnc. MKT18133468014R Datasheet HTML 6Page - Coilcraft lnc. MKT18133468014R Datasheet HTML 7Page - Coilcraft lnc. MKT18133468014R Datasheet HTML 8Page - Coilcraft lnc. MKT18133468014R Datasheet HTML 9Page - Coilcraft lnc. MKT18133468014R Datasheet HTML 10Page - Coilcraft lnc. MKT18133468014R Datasheet HTML 11Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 08-Dec-08
23
MKT 1813
DC Film Capacitor
MKT Axial Type
Vishay Roederstein
HEAT CONDUCTIVITY (G) AS A FUNCTION OF (ORIGINAL) PITCH AND CAPACITOR BODY THICKNESS IN mW/°C
Maximum allowed component temperature rise (
ΔT) as a function of the ambient temperature (T
amb)
Dmax.
(mm)
HEAT CONDUCTIVITY (mW/°C)
L = 11 mm
L = 14 mm
L = 19 mm
L = 26.5 mm
L = 31.5 mm
L = 41.5 mm
5.0
2
--
---
5.5
2
3
-
---
6.0
-
3
4
---
6.5
-
3
5
---
7.0
-
4
5
---
7.5
-
-
6
---
8.0
-
4-8-
-
8.5
-
-
6
9
-
-
9.0
-
-
7
---
9.5
-
-
-
10
-
-
10.0
-
-
-
11
-
-
10.5
-
-
8
-
-
-
11.0
-
-
-
12
14
-
11.5
-
-
-
13
15
-
12.0
-
-
9
-
16
-
12.5
-
--
---
13.0
-
-
-
14
17
-
13.5
-
-
-
15
18
-
14.0
-
-
-
16
19
-
14.5
-
-
-
-
19
-
15.0
-
--
---
15.5
-
-
-
-
21
-
16.0
-
-
-
-
-
29
16.5
-
-
-
-
22
30
17.0
-
--
---
17.5
-
-
-
-
-
31
18.0
-
-
-
-
24
-
18.5
-
--
---
19.0
-
-
-
-
-
34
20.0
-
--
---
20.5
-
-
-
-
28
-
21.0
-
-
-
-
-
38
- 60
- 20
20
60
100
T
amb (°C)
16
12
8
4
0


Similar Part No. - MKT18133468014R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18133468014R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com