Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2413T6M Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPG2413T6M
Description  SP3T SWITCH FOR BluetoothTM AND 802.11b/g
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2413T6M Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPG2413T6M Datasheet HTML 4Page - Renesas Technology Corp UPG2413T6M Datasheet HTML 5Page - Renesas Technology Corp UPG2413T6M Datasheet HTML 6Page - Renesas Technology Corp UPG2413T6M Datasheet HTML 7Page - Renesas Technology Corp UPG2413T6M Datasheet HTML 8Page - Renesas Technology Corp UPG2413T6M Datasheet HTML 9Page - Renesas Technology Corp UPG2413T6M Datasheet HTML 10Page - Renesas Technology Corp UPG2413T6M Datasheet HTML 11Page - Renesas Technology Corp UPG2413T6M Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
EVALUATION CIRCUIT
1
2
3
Vcont1
RF3
RF1
4
5
6
9
8
7
12
11
10
1 000 pF
RFC
56 pF
56 pF
RF2
56 pF
Vcont2
1 000 pF
Vcont3
1 000 pF
56 pF
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
APPLICATION INFORMATION
LESD
CB
CB
CB
Switch
• CB are DC blocking capacitors external to the device.
A value of 56 pF is sufficient for operation from 500 MHz to 2.5 GHz bands.
The value may be tailored to provide specific electrical responses.
• The RF ground connections should be kept as short as possible and connected to directly to a good RF ground
for best performance.
• LESD provides a means to increase the ESD protection on a specific RF port, typically the port attached to the
antenna.
Data Sheet PG10792EJ01V0DS
6
μPG2413T6M


Similar Part No. - UPG2413T6M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2413T6Z RENESAS-UPG2413T6Z Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
UPG2413T6Z-E2 RENESAS-UPG2413T6Z-E2 Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
UPG2413T6Z-E2-A RENESAS-UPG2413T6Z-E2-A Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
More results

Similar Description - UPG2413T6M

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2150T5L CEL-UPG2150T5L_07 Datasheet
177Kb / 10P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
NEC
UPG2150T5L NEC-UPG2150T5L Datasheet
90Kb / 9P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
Renesas Technology Corp
UPG2413T6Z RENESAS-UPG2413T6Z Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
logo
Skyworks Solutions Inc.
SKY13251-349 SKYWORKS-SKY13251-349 Datasheet
279Kb / 5P
   SP3T Switch for Bluetooth짰 and 802.11b, g
logo
TriQuint Semiconductor
TQS5201 TRIQUINT-TQS5201 Datasheet
415Kb / 9P
   TX-RX and Diversity Switch for Dualmode, 802.11b & g Systems
logo
Renesas Technology Corp
UPG2430T6Z-E2-A RENESAS-UPG2430T6Z-E2-A Datasheet
2Mb / 14P
   GaAs Integrated Circuit SP3T Switch for Bluetooth짰 and 802.11a/b/g
UPG2430T6Z RENESAS-UPG2430T6Z Datasheet
327Kb / 15P
   GaAs Integrated Circuit SP3T Switch for Bluetooth® and 802.11a/b/g
Oct 24, 2011
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
Murata Manufacturing Co...
LBWA1ZZVK7-539 MURATA-LBWA1ZZVK7-539 Datasheet
612Kb / 26P
   802.11b/g module
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com