Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2163T5N Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPG2163T5N
Description  GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2163T5N Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPG2163T5N Datasheet HTML 1Page - Renesas Technology Corp UPG2163T5N Datasheet HTML 2Page - Renesas Technology Corp UPG2163T5N Datasheet HTML 3Page - Renesas Technology Corp UPG2163T5N Datasheet HTML 4Page - Renesas Technology Corp UPG2163T5N Datasheet HTML 5Page - Renesas Technology Corp UPG2163T5N Datasheet HTML 6Page - Renesas Technology Corp UPG2163T5N Datasheet HTML 7Page - Renesas Technology Corp UPG2163T5N Datasheet HTML 8Page - Renesas Technology Corp UPG2163T5N Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
μPG2163T5N
R09DS0019EJ0300 Rev.3.00
Page 4 of 8
May 19, 2011
EVALUATION CIRCUIT
Vcont2
OUT1 (TX)
6
5
4
1
2
3
OUT2 (RX)
Vcont1
1 000 pF
IN (ANT)
1 000 pF
4 pF
C1
C1
Remark C1: 2.4 to 2.5 GHz and 4.9 to 6.0 GHz
4 pF
8.0 GHz
2 pF
0.5 to 2.5 GHz
100 pF
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
<R>


Similar Part No. - UPG2163T5N

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2163T5N NEC-UPG2163T5N Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2163T5N-E2 NEC-UPG2163T5N-E2 Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N-E2 CEL-UPG2163T5N-E2 Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results

Similar Description - UPG2163T5N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2163T5N RENESAS-PG2163T5N_15 Datasheet
198Kb / 10P
   GaAs Integrated Circuit Broadband SPDT Switch for Dual-Band Wireless LAN
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N_09 Datasheet
186Kb / 10P
   Broadband SPDT Switch for Dual-Band Wireless LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N_1 Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
   GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0202 MA-COM-MASWSS0202_15 Datasheet
664Kb / 5P
   GaAs Broadband SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com