Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2S65A00B00A000 Datasheet(PDF) 5 Page - Epson Company

Part # S2S65A00B00A000
Description  One-chip solution, which can reduce system cost.
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S2S65A00B00A000 Datasheet(HTML) 5 Page - Epson Company

  S2S65A00B00A000 Datasheet HTML 1Page - Epson Company S2S65A00B00A000 Datasheet HTML 2Page - Epson Company S2S65A00B00A000 Datasheet HTML 3Page - Epson Company S2S65A00B00A000 Datasheet HTML 4Page - Epson Company S2S65A00B00A000 Datasheet HTML 5Page - Epson Company S2S65A00B00A000 Datasheet HTML 6Page - Epson Company S2S65A00B00A000 Datasheet HTML 7Page - Epson Company S2S65A00B00A000 Datasheet HTML 8Page - Epson Company S2S65A00B00A000 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
1. DESCRIPTION
S2S65A30 Data Sheet
Seiko Epson Corporation
1
(Rev.1.0)
1. DESCRIPTION
The S2S65A30 is an image controller IC with additional convenient features and enhanced functions compared
to the conventional IC S2S65A00. In addition to these conventional functions, it has an input image-correction
function achieved by real-time image processing, an Interlace/Progressive conversion function that allows easy
interlace camera connection, a replay function of recorded images and a high-speed write function to a SD card.
The operating-temperature accuracy guarantees -40
°C to +85°C. Compatible with conventional IC pins, the
software is also upper-compatible with the S2S65A00. It is an optimum controller IC for image recording drive
recorders.
1.1 Features
One-chip solution, which can reduce system cost.
Provides JPEG encoding by using 30 fps @VGA hardware (ISO 10918 compliant).
Up to two camera modules can be connected.
Each camera module has two hardware JPEG encoders.
Provides moving-object detection function to support motion detection.
Supports I
2S for voice data.
Has a CompactFlash interface for a CF memory card or a wireless LAN interface (802.11b).
An SD memory interface for SD memory card connection.
ARM720T 50MHz operation.
USB 2.0 device (High-Speed) function support, which enables connection to a PC.
Supports 8-ch ADC for connection with various analog sensors.
Contains event counter timers.
Memory bus: 2 ports (6bit-Bus: FROM/SRAM, 16/32bit-Bus: SDRAM).
Interlaced/Progressive converion
JPEG decoding
Image light and shade correction
1.2 Built-In Functions
CPU:
32-bit RISC ARM720T (maximum of 56MHz).
32-bit long command codes and 16-bit long command codes called Efficient Thumb Code can be used by
switching them.
32-bit general purpose register (
×31).
A multiplier is included in the CPU.
RAM:
56 KB Built-in RAM for CPU/JPEG Work (CPU Work: 32KB Max.).
Standby Function
A HALT function to stop the CPU clock when any CPU operation is not required.
An I/O clock stop function to stop each clock of the main I/O blocks.
Camera Input/JPEG Encoder:
8-bit parallel interface
× 2 ports
2 camera modules can be connected.
Up to 640
×480 resolution (VGA, QVGA, CIF, QCIF).
Hardware JPEG encoder
× 2
Throughput greater than 30 fps @VGA (when 1 camera module connected).
YUV4-2-2 progressive (both ports)
Pixel clock frequency for inputting camera data is less than 2/3 of CPU clock frequency.
Support of Interlaced signal by Interlace/Progressive conversion(Camera I/F 2ch)


Similar Part No. - S2S65A00B00A000

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S2S6M SHINDENGEN-S2S6M Datasheet
559Kb / 10P
   Schottky Rectifiers (SBD) (60V 1.3A)
More results

Similar Description - S2S65A00B00A000

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFBLN2012090K3T WALSIN-RFBLN2012090K3T Datasheet
242Kb / 3P
   Low insertion loss which can reduce power consumption
RFBLN20120G9D5T WALSIN-RFBLN20120G9D5T Datasheet
234Kb / 3P
   Low insertion loss which can reduce power consumption
RFBLN1608050AM6T30 WALSIN-RFBLN1608050AM6T30 Datasheet
363Kb / 3P
   Low insertion loss which can reduce power consumption
RFBLN1608060F6T WALSIN-RFBLN1608060F6T Datasheet
258Kb / 2P
   Low insertion loss which can reduce power consumption
AMBLN1608050AM0T63 WALSIN-AMBLN1608050AM0T63 Datasheet
667Kb / 6P
   Low insertion loss which can reduce power consumption
logo
Advantech Co., Ltd.
ARK-1310 ADVANTECH-ARK-1310 Datasheet
389Kb / 2P
   Cost-effective, Entry-level Automation System Solution
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002_11 Datasheet
1Mb / 13P
   Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com