Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5504-TL-E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH5504-TL-E
Description  High-Current Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5504-TL-E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH5504-TL-E Datasheet HTML 1Page - Sanyo Semicon Device CPH5504-TL-E Datasheet HTML 2Page - Sanyo Semicon Device CPH5504-TL-E Datasheet HTML 3Page - Sanyo Semicon Device CPH5504-TL-E Datasheet HTML 4Page - Sanyo Semicon Device CPH5504-TL-E Datasheet HTML 5Page - Sanyo Semicon Device CPH5504-TL-E Datasheet HTML 6Page - Sanyo Semicon Device CPH5504-TL-E Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CPH5504
No. 6793-1/7
1 : Collector
2 : Collector
3 : Base
4 : Emitter Common
5 : Base
SANYO : CPH5
2
1
4
53
2.9
0.05
0.4
0.15
0.95
62712 TKIM/62005EA MSIM TB-00001409/21401 TSIM TA-2946
http://semicon.sanyo.com/en/network
Ordering number : EN6793B
Applications
DC-DC converter, relay drivers, lamp drivers, motor drivers, flash
Features
Composite type with 2 NPN transistors in one package facilitating high-density mounting
The CPH5504 is composed of 2 chips each equivaient to the CPH3205
Ultrasmall package facilitates miniaturization in end products. (mounting height : 0.9mm)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
100
V
Collector-to-Emitter Voltage
VCES
100
V
Collector-to-Emitter Voltage
VCEO
50
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
3A
Collector Current (Pulse)
ICP
6A
Base Current
IB
600
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2×0.8mm)
0.9
W
Total Power Dissipation
PT
Mounted on a ceramic board (600mm2×0.8mm)
1.2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7017A-009
CPH5504 NPNEpitaxialPlanarSiliconTransistor
High-Current Switching Applications
Product & Package Information
• Package
: CPH5
• JEITA, JEDEC
: SC-74A, SOT-25
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
CPH5504-TL-E
TL
54
3
12
SANYO Semiconductors
DATA SHEET


Similar Part No. - CPH5504-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5504 SANYO-CPH5504 Datasheet
29Kb / 4P
   High-Current Switching Applications
CPH5504 SANYO-CPH5504 Datasheet
55Kb / 4P
   High-Current Switching Applications
logo
ON Semiconductor
CPH5504 ONSEMI-CPH5504 Datasheet
367Kb / 7P
   Bipolar Transistor
August, 2013
logo
Sanyo Semicon Device
CPH5504 SANYO-CPH5504_05 Datasheet
55Kb / 4P
   High-Current Switching Applications
More results

Similar Description - CPH5504-TL-E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com