Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDB4060 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NDB4060
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB4060 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NDB4060 Datasheet HTML 1Page - Fairchild Semiconductor NDB4060 Datasheet HTML 2Page - Fairchild Semiconductor NDB4060 Datasheet HTML 3Page - Fairchild Semiconductor NDB4060 Datasheet HTML 4Page - Fairchild Semiconductor NDB4060 Datasheet HTML 5Page - Fairchild Semiconductor NDB4060 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (T
C = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRAIN-SOURCE AVALANCHE RATINGS (Note 1)
W
DSS
Single Pulse Drain-Source Avalanche
Energy
V
DD = 25 V, ID = 15 A
40
mJ
I
AR
Maximum Drain-Source Avalanche Current
15
A
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
60
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 60 V, VGS = 0 V
250
µA
T
J = 125°C
1
mA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 1)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
2
3
4
V
T
J = 125°C
1.4
2.4
3.6
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 7.5 A
0.078
0.1
T
J = 125°C
0.12
0.165
I
D(on)
On-State Drain Current
V
GS = 10 V, VDS = 10 V
15
A
g
FS
Forward Transconductance
V
DS = 10 V, ID = 7.5 A
3
5.7
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 25, VGS = 0 V,
f = 1.0 MHz
370
450
pF
C
oss
Output Capacitance
165
200
pF
C
rss
Reverse Transfer Capacitance
50
100
pF
SWITCHING CHARACTERISTICS (Note 1)
t
D(on)
Turn - On Delay Time
V
DD = 30 V, ID = 15 A
V
GS = 10 V, RGEN = 25
8
20
ns
t
r
Turn - On Rise Time
70
100
ns
t
D(off)
Turn - Off Delay Time
18
30
ns
t
f
Turn - Off Fall Time
37
50
ns
Q
g
Total Gate Charge
V
DS = 48 V
I
D = 15 A, VGS = 10 V
12.7
17
nC
Q
gs
Gate-Source Charge
3.2
nC
Q
gd
Gate-Drain Charge
7
nC
NDP4060 Rev. C


Similar Part No. - NDB4060

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB4060 ISC-NDB4060 Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
NDB4060L FAIRCHILD-NDB4060L Datasheet
68Kb / 6P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
NDB4060L ISC-NDB4060L Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDB4060

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com