Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5947RHBRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5947RHBRG4
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5947RHBRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5947RHBRG4 Datasheet HTML 7Page - Texas Instruments TLC5947RHBRG4 Datasheet HTML 8Page - Texas Instruments TLC5947RHBRG4 Datasheet HTML 9Page - Texas Instruments TLC5947RHBRG4 Datasheet HTML 10Page - Texas Instruments TLC5947RHBRG4 Datasheet HTML 11Page - Texas Instruments TLC5947RHBRG4 Datasheet HTML 12Page - Texas Instruments TLC5947RHBRG4 Datasheet HTML 13Page - Texas Instruments TLC5947RHBRG4 Datasheet HTML 14Page - Texas Instruments TLC5947RHBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TYPICAL CHARACTERISTICS
100000
10000
1000
0
5
10
15
20
30
OutputCurrent(mA)
25
9840
4920
3280
2460
1640
1968
24600
6000
5000
4000
3000
2000
1000
0
-40
-20
0
20
40
60
80
Free-AirTemperature( C)
°
TLC5947RHB
TLC5947DAP
PowerPADSoldered
TLC5947DAP
PowerPADNotSoldered
100
35
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
OutputVoltage(V)
T =+25 C
°
A
I =30mA
O
I =25mA
O
I =20mA
O
I =15mA
O
I =10mA
O
I =5mA
O
I =2mA
O
35
34
33
32
31
30
29
28
27
26
25
0
0.5
1.0
1.5
2.0
2.5
3.0
OutputVoltage(V)
I =30mA
O
T = 40
-
°C
A
T =+25 C
°
A
T =+85 C
°
A
4
3
2
1
0
1
2
3
4
-
-
-
-
-40
-20
0
20
40
60
80
100
AmbientTemperature( C)
°
I =30mA
O
V
=5V
CC
V
=3.3V
CC
4
3
2
1
0
1
2
3
4
-
-
-
-
0
5
10
15
20
25
30
OutputCurrent(mA)
T =+25 C
°
A
V
=5V
CC
V
=3.3V
CC
TLC5947
www.ti.com ................................................................................................................................................. SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008
At VCC = 3.3 V and TA = +25°C, unless otherwise noted.
REFERENCE RESISTOR
POWER DISSIPATION RATE
vs OUTPUT CURRENT
vs FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
OUTPUT CURRENT vs
OUTPUT CURRENT vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 12.
Figure 13.
ΔIOLC vs AMBIENT TEMPERATURE
ΔIOLC vs OUTPUT CURRENT
Figure 14.
Figure 15.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5947


Similar Part No. - TLC5947RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947RHBRG4 TI1-TLC5947RHBRG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947RHBRG4 TI1-TLC5947RHBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
More results

Similar Description - TLC5947RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com