Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS34C87TMX Datasheet(PDF) 9 Page - Texas Instruments

Part # DS34C87TMX
Description  DS34C87T CMOS Quad TRI-STATE Differential Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS34C87TMX Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS34C87TMX Datasheet HTML 5Page - Texas Instruments DS34C87TMX Datasheet HTML 6Page - Texas Instruments DS34C87TMX Datasheet HTML 7Page - Texas Instruments DS34C87TMX Datasheet HTML 8Page - Texas Instruments DS34C87TMX Datasheet HTML 9Page - Texas Instruments DS34C87TMX Datasheet HTML 10Page - Texas Instruments DS34C87TMX Datasheet HTML 11Page - Texas Instruments DS34C87TMX Datasheet HTML 12Page - Texas Instruments DS34C87TMX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
DS34C87TM
ACTIVE
SOIC
D
16
48
TBD
Call TI
Call TI
-40 to 85
DS34C87TM
DS34C87TM/NOPB
ACTIVE
SOIC
D
16
48
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
DS34C87TM
DS34C87TMX
ACTIVE
SOIC
D
16
2500
TBD
Call TI
Call TI
-40 to 85
DS34C87TM
DS34C87TMX/NOPB
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
DS34C87TM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - DS34C87TMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34C87TM NSC-DS34C87TM Datasheet
231Kb / 8P
   CMOS Quad TRISTATE Differential Line Driver
More results

Similar Description - DS34C87TMX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
   CMOS Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31_06 Datasheet
180Kb / 15P
   CMOS quad tri-state differential line driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
[Old version datasheet]   DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
   Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
   CMOS quad tri-state differential line receiver
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
   CMOS Qual TRI-STATE Differential Line Driver
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
   QUAD TRI-STATE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com