Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV104PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV104PWP
Description  1.2A PWM High-Side Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV104PWP Datasheet(HTML) 1 Page - Texas Instruments

  DRV104PWP Datasheet HTML 1Page - Texas Instruments DRV104PWP Datasheet HTML 2Page - Texas Instruments DRV104PWP Datasheet HTML 3Page - Texas Instruments DRV104PWP Datasheet HTML 4Page - Texas Instruments DRV104PWP Datasheet HTML 5Page - Texas Instruments DRV104PWP Datasheet HTML 6Page - Texas Instruments DRV104PWP Datasheet HTML 7Page - Texas Instruments DRV104PWP Datasheet HTML 8Page - Texas Instruments DRV104PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DRV104
SBVS036B – SEPTEMBER 2003 – REVISED MARCH 2006
www.ti.com
DESCRIPTION
The DRV104 is a DMOS, high-side power switch employing
a pulse-width modulated (PWM) output. Its rugged design is
optimized for driving electromechanical devices such as
valves, solenoids, relays, actuators, and positioners. It is also
ideal for driving thermal devices such as heaters, coolers,
and lamps. PWM operation conserves power and reduces
heat rise, resulting in higher reliability. In addition, adjustable
PWM allows fine control of the power delivered to the load.
Time from dc-to-PWM output and oscillator frequency are
externally adjustable.
Separate supply pins for the circuit and driver transistor allow
the output to operate on a different supply than the rest of the
circuit.
The DRV104 can be set to provide a strong initial solenoid
closure, automatically switching to a soft hold mode for
power savings. The duty cycle can be controlled by a
resistor, analog voltage, or a digital-to-analog (D/A) converter
for versatility. The Status OK Flag pin indicates when thermal
shutdown or over-current occurs.
The DRV104 is specified for –40
°C to +85°C at its case. The
exposed lead frame must be soldered to the circuit board.
FEATURES
q HIGH OUTPUT DRIVE: 1.2A
q WIDE SUPPLY RANGE: +8V to +32V
q COMPLETE FUNCTION:
PWM Output
Adjustable Internal Oscillator: 500Hz to 100kHz
Digitally Controlled Input
Adjustable Delay and Duty Cycle
Over-Current Indicator Flag
q FULLY PROTECTED:
Thermal Shutdown with Indicator Flag
Internal Current Limit
q PACKAGE: HTSSOP-14 Surface-Mount PowerPAD™
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2003-2006, Texas Instruments Incorporated
1.2A PWM High-Side Driver
for Solenoids, Coils, Valves, Heaters, and Lamps
Delay
Adj
Input
On
Off
Thermal Shutdown
Over/Under Current
Status OK
Flag
+V
S
Coil
OUT2
BOOT
Oscillator
V
REF
PWM
Osc Freq
Adj
Duty Cycle
Adj
GND
Delay
DRV104
OUT1
+V
PS1
+V
PS2
APPLICATIONS
q ELECTROMECHANICAL DRIVERS:
Solenoids, Valves, Positioners, Actuators, Relays,
Power Contactor Coils, Heaters, and Lamps
q FLUID AND GAS FLOW SYSTEMS
q FACTORY AUTOMATION
q PART HANDLERS AND SORTERS
q PHOTOGRAPHIC PROCESSING
q ENVIRONMENTAL MONITORING AND HVAC
q THERMOELECTRIC COOLERS
q MOTOR SPEED CONTROLS
q SOLENOID PROTECTORS
q MEDICAL ANALYZERS
®
DRV1
04
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - DRV104PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV104PWP TI1-DRV104PWP Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPG4 TI1-DRV104PWPG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPR TI1-DRV104PWPR Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPRG4 TI1-DRV104PWPRG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
More results

Similar Description - DRV104PWP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Eutech Microelectronics...
EUM6270 EUTECH-EUM6270 Datasheet
120Kb / 1P
   1.2A/18V PWM Fan Motor Driver
logo
Micrel Semiconductor
MIC4467 MICREL-MIC4467_05 Datasheet
205Kb / 8P
   Quad 1.2A-Peak Low-Side MOSFET Driver
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC1427 MICREL-MIC1427 Datasheet
557Kb / 8P
   Dual 1.2A-Peak Low-Side MOSFET Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC4467 MICREL-MIC4467 Datasheet
80Kb / 7P
   Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
logo
Shenzhen Huazhimei Semi...
HM4112A HMSEMI-HM4112A Datasheet
595Kb / 7P
   36V/1.2A high dimming ratio LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com