Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDLL916B Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDLL916B
Description  Small Signal Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDLL916B Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDLL916B Datasheet HTML 1Page - Fairchild Semiconductor FDLL916B Datasheet HTML 2Page - Fairchild Semiconductor FDLL916B Datasheet HTML 3Page - Fairchild Semiconductor FDLL916B Datasheet HTML 4Page - Fairchild Semiconductor FDLL916B Datasheet HTML 5Page - Fairchild Semiconductor FDLL916B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N/FDLL 914A/B / 916/A/B / 4148 / 4448 Rev. 1.1.1
4
Typical Performance Characteristics (Continued)
Figure 7. Total Capacitance
Figure 8. Reverse Recovery Time vs
Reverse Recovery Current
Figure 9. Average Rectified Current (IF(AV))
vs Ambient Temperature (TA)
Figure 10. Power Derating Curve
02468
10
12
14
0.75
0.80
0.85
0.90
T
A = 25
oC
REVERSE VOLTAGE (V)
10
20
30
40
50
60
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Ta = 25
oC
Reverse Recovery Current, I
rr [mA]
IF = 10mA , IRR = 1.0 mA , Rloop = 100 Ohms
0
50
100
150
0
100
200
300
400
500
I
F(AV) -
AVERA
GE REC
TIFIED
CURRE
NT - mA
Ambient Temperature (
oC)
0
50
100
150
200
0
100
200
300
400
500
DO-35
SOT-23
Temperature [
oC]


Similar Part No. - FDLL916B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL916B FAIRCHILD-FDLL916B Datasheet
78Kb / 4P
   Small Signal Diode
FDLL916B FAIRCHILD-FDLL916B Datasheet
336Kb / 10P
   General Purpose Diodes
FDLL916B FAIRCHILD-FDLL916B Datasheet
101Kb / 4P
   Small Signal Diode
FDLL916B FAIRCHILD-FDLL916B Datasheet
116Kb / 4P
   Small Signal Diode
More results

Similar Description - FDLL916B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com