Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDLL916A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDLL916A
Description  Small Signal Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDLL916A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDLL916A Datasheet HTML 1Page - Fairchild Semiconductor FDLL916A Datasheet HTML 2Page - Fairchild Semiconductor FDLL916A Datasheet HTML 3Page - Fairchild Semiconductor FDLL916A Datasheet HTML 4Page - Fairchild Semiconductor FDLL916A Datasheet HTML 5Page - Fairchild Semiconductor FDLL916A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N/FDLL 914A/B / 916/A/B / 4148 / 4448 Rev. 1.1.1
1
April 2013
1N/FDLL 914A/B / 916/A/B / 4148 / 4448
Small Signal Diode
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Note:
1. These ratings are limiting values above which the serviceability of the diode may be impaired.
Thermal Characteristics
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
100
V
IO
Average Rectified Forward Current
200
mA
IF
DC Forward Current
300
mA
If
Recurrent Peak Forward Current
400
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 s
1.0
A
Pulse Width = 1.0
μs4.0
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Parameter
Max.
Units
1N/FDLL 914/A/B / 4148 / 4448
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
LL-34
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
LL-34 COLOR BAND MARKING
DEVICE
1ST BAND
DO-35
FDLL914
BLACK
FDLL914A
BLACK
FDLL914B
BLACK
Cathode is denoted with a black band
FDLL4148
BLACK
FDLL4448
BLACK
-1st band denotes cathode terminal
and has wider width
SOD80
Cathode Band


Similar Part No. - FDLL916A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL916A FAIRCHILD-FDLL916A Datasheet
78Kb / 4P
   Small Signal Diode
FDLL916A FAIRCHILD-FDLL916A Datasheet
336Kb / 10P
   General Purpose Diodes
FDLL916A FAIRCHILD-FDLL916A Datasheet
101Kb / 4P
   Small Signal Diode
FDLL916A FAIRCHILD-FDLL916A Datasheet
116Kb / 4P
   Small Signal Diode
More results

Similar Description - FDLL916A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com