Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N7E50-X516PK-20 Datasheet(PDF) 1 Page - 3M Electronics

Part # N7E50-X516PK-20
Description  3M??CF Card Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N7E50-X516PK-20 Datasheet(HTML) 1 Page - 3M Electronics

  N7E50-X516PK-20 Datasheet HTML 1Page - 3M Electronics N7E50-X516PK-20 Datasheet HTML 2Page - 3M Electronics N7E50-X516PK-20 Datasheet HTML 3Page - 3M Electronics N7E50-X516PK-20 Datasheet HTML 4Page - 3M Electronics N7E50-X516PK-20 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MCF Card Header
CompactFlashType I, Surface Mount
7E50 Series
Physical
Electrical
Environmental
"RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values
in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or prolybromianted diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing,
this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
CompactFlash is a registered trademark of SanDisk Corporation.
Insulation
Material: Liquid Crystal Polyester (LCP)
Flammability: UL 94V-0
Color: Beige
Contact
Material: Copper Alloy
Plating
Underplating: 100
µ″ [ 2.54 µm ] Nickel
Wiping Area: Gold flash over 80/20 Palladium Nickel (see Ordering Information)
Solder Tails: 50
µ″ [ 1.27 µm ] 85/15 Tin Lead - or Gold Flash (see Ordering Information)
Current Rating: .5 A
Insulation Resistance: >1 × 10
9 Ω at 500 Vdc, >1 × 108 Ω at 500 Vdc after Environmental
Conditioning
Withstanding Voltage: 500 Vrms at Sea Level
Temperature Rating:
-55
°C to +85°C
Process Rating: Maximum 260
°C (per J-STD-020C)
TS-0662-21
Sheet 1 of 4
• Meets CFA standards
• Single row solder tails with 0.635 mm spacing
• Board component clearance with 1.64 mm
standoff
• Ejector option for easy removal of CF Card
• Retainer clip option permits stability for mobile
and high vibration applications
• RoHS* compliant version (PG & PK plating
suffix) available
Date Modified: September 23, 2005
UL File No.: E68080


Similar Part No. - N7E50-X516PK-20

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N7E50-7516PK-20 3M-N7E50-7516PK-20 Datasheet
663Kb / 6P
   Single row solder tails with 0.635 mm spacing
N7E50-H516RB-50 3M-N7E50-H516RB-50 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-40 3M-N7E50-M516RB-40 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-50 3M-N7E50-M516RB-50 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
More results

Similar Description - N7E50-X516PK-20

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
logo
Molex Electronics Ltd.
55359-5029 MOLEX11-55359-5029 Datasheet
39Kb / 3P
   1.27mm Pitch CF Card Header- Right Angle
logo
3M Electronics
N4634-2300RB 3M-N4634-2300RB Datasheet
981Kb / 3P
   3M Surface Mount Header
356 3M-356 Datasheet
1Mb / 4P
   3M??Power Clamp Header
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
961428-8040804-AR 3M-961428-8040804-AR Datasheet
312Kb / 6P
   3M??Pin Strip Header
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
3M Electronics
9611025604AR 3M-9611025604AR Datasheet
330Kb / 5P
   3M??Pin Strip Header
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
2701668 PHOENIX-2701668 Datasheet
46Kb / 2P
   Memory card - 16GB CF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com