Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N7E50-X716PG-20 Datasheet(PDF) 3 Page - 3M Electronics

Part # N7E50-X716PG-20
Description  3M??CF Card Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N7E50-X716PG-20 Datasheet(HTML) 3 Page - 3M Electronics

  N7E50-X716PG-20 Datasheet HTML 1Page - 3M Electronics N7E50-X716PG-20 Datasheet HTML 2Page - 3M Electronics N7E50-X716PG-20 Datasheet HTML 3Page - 3M Electronics N7E50-X716PG-20 Datasheet HTML 4Page - 3M Electronics N7E50-X716PG-20 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MCF Card Header
CompactFlash
 Type I, Surface Mount
7E50 Series
TS-0662-21
Sheet 3 of 4
31.11
± 0.05
[ 1.225 ]
0.635
± 0.030 Typ
[ .0250 ]
0.40
± 0.03 Typ
[ .016 ]
Detail A
Pin 26
Pin 1
Pin 1
Pin 26
( Normal )
( Inverse )
40.16
± 0.10
[ 1.581 ]
2X 3.00
± 0.15
[ .118 ]
Recommended PCB Solder Pad Pattern
The Direction of Inserting Card
2X Ø2.20
± 0.05
[ .087 ]
( Through for M2 )
2X Ø1.70
± 0.03
[ .067 ]
( Through for locating Boss )
The End of P.C. Board
2.00
± 0.15
[ .079 ]
46.13
± 0.15
[ 1.816 ]
3.50
± 0.05
[ .138 ]
40.16
± 0.05
[ 1.581 ]
2X 5.0
± 0.15
[ .197 ]
7.55
± 0.05
[ .297 ]
3.00
± 0.10
[ .118 ]
20.5 Min
[ .81 ]
Detail A


Similar Part No. - N7E50-X716PG-20

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N7E50-7516PK-20 3M-N7E50-7516PK-20 Datasheet
663Kb / 6P
   Single row solder tails with 0.635 mm spacing
N7E50-H516RB-50 3M-N7E50-H516RB-50 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-40 3M-N7E50-M516RB-40 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-50 3M-N7E50-M516RB-50 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
More results

Similar Description - N7E50-X716PG-20

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
logo
Molex Electronics Ltd.
55359-5029 MOLEX11-55359-5029 Datasheet
39Kb / 3P
   1.27mm Pitch CF Card Header- Right Angle
logo
3M Electronics
N4634-2300RB 3M-N4634-2300RB Datasheet
981Kb / 3P
   3M Surface Mount Header
356 3M-356 Datasheet
1Mb / 4P
   3M??Power Clamp Header
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
961428-8040804-AR 3M-961428-8040804-AR Datasheet
312Kb / 6P
   3M??Pin Strip Header
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
3M Electronics
9611025604AR 3M-9611025604AR Datasheet
330Kb / 5P
   3M??Pin Strip Header
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
2701668 PHOENIX-2701668 Datasheet
46Kb / 2P
   Memory card - 16GB CF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com