Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4624DSN12T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4624DSN12T1G
Description  150 mA, Wide Input Range, LDO Linear Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4624DSN12T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4624DSN12T1G Datasheet HTML 1Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 2Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 3Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 4Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 5Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 6Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 7Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 8Page - ON Semiconductor NCP4624DSN12T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP4624
http://onsemi.com
2
Current Limit
Vin
GND
Vref
CE
Vout
Reverse Detector
NCP4624xxxx
Current Limit
Vin
GND
Vref
CE
Vout
Reverse Detector
NCP4624Dxx
Figure 2. Simplified Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
SOT−23−5
SC−88A
UDFN 1x1
1
5
4
VIN
Input pin
2
3
2
GND
Ground pin
3
1
3
CE
Chip enable pin (“H” active)
4
2
NC
Non connected
5
4
1
VOUT
Output pin
*EP
EP
Exposed Pad (leave floating or connect to GND)
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 to 12
V
Output Voltage
VOUT
−0.3 to VIN ≤ 11
V
Chip Enable Input
VCE
−0.3 to VIN ≤ 11
V
Power Dissipation SOT−23−5
PD
420
mW
Power Dissipation uDFN 1.0 x 1.0 mm
400
Power Dissipation SC−88A
380
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−55 to 125
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to Electrical Characteristics and Application Information for safe operating area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.


Similar Part No. - NCP4624DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4624DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4623HMXADJTCG ONSEMI-NCP4623HMXADJTCG Datasheet
379Kb / 20P
   150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com