Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM3001 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # NDM3001
Description  3 Phase Brushless Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDM3001 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NDM3001 Datasheet HTML 4Page - Fairchild Semiconductor NDM3001 Datasheet HTML 5Page - Fairchild Semiconductor NDM3001 Datasheet HTML 6Page - Fairchild Semiconductor NDM3001 Datasheet HTML 7Page - Fairchild Semiconductor NDM3001 Datasheet HTML 8Page - Fairchild Semiconductor NDM3001 Datasheet HTML 9Page - Fairchild Semiconductor NDM3001 Datasheet HTML 10Page - Fairchild Semiconductor NDM3001 Datasheet HTML 11Page - Fairchild Semiconductor NDM3001 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SOIC-16 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. B
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
16mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
4.00
100
0.646 +0.078/-0.000
16.4 +2/0
0.882
22.4
0.626 – 0.764
15.9 – 19.4
13" Diameter Option
Dim A
Max
W3
W2 max Measured at Hub
W1 Measured at Hub
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
10 deg maximum component rotation
0.9mm
maximum
0.9mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
10 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOIC(16lds) Embossed Carrier Tape
Configuration: Figure 3.0
SOIC(16lds) Reel Configuration: Figure 4.0
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOIC(16lds)
(16mm)
6.60
+/-0.30
10.35
+/-0.25
16.0
+/-0.3
1.55
+/-0.05
1.60
+/-0.10
1.75
+/-0.10
14.25
min
7.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
2.40
+/-0.40
0.450
+/-0.150
13.0
+/-0.3
0.06
+/-0.02
Dim D
min
Dim C
B Min
DETAIL AA
See detail AA
Dim A
max
Dim N


Similar Part No. - NDM3001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDM3000 FAIRCHILD-NDM3000 Datasheet
246Kb / 12P
   3 Phase Brushless Motor Driver
More results

Similar Description - NDM3001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com