Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3647 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC3647
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3647 Datasheet(HTML) 1 Page - ON Semiconductor

  2SC3647 Datasheet HTML 1Page - ON Semiconductor 2SC3647 Datasheet HTML 2Page - ON Semiconductor 2SC3647 Datasheet HTML 3Page - ON Semiconductor 2SC3647 Datasheet HTML 4Page - ON Semiconductor 2SC3647 Datasheet HTML 5Page - ON Semiconductor 2SC3647 Datasheet HTML 6Page - ON Semiconductor 2SC3647 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
90512 TKIM/22006EA MSIM/O3103TN (KT)/71598HA (KT)/3277KI/N255MW, TS No.2006-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA1417/2SC3647
Bipolar Transistor
(-)100V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Adoption of FBET, MBIT processes
High breakdown voltage and large current capacity
Fast switching speed
Ultrasmall size making it easy to provide high-density small-sized hybrid ICs
Specifications ( ) : 2SA1417
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)3
A
Collector Dissipation
PC
500
mW
When mounted on ceramic substrate (250mm2×0.8mm)
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN2006D
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA1417S-TD-E
2SA1417T-TD-E
2SC3647S-TD-E
2SC3647T-TD-E
2SC3647
2SA1417
RANK
RANK
2
3
1
2SC3647
2
3
1
2SA1417


Similar Part No. - 2SC3647

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3647 SANYO-2SC3647 Datasheet
126Kb / 4P
   High-Voltage Switching Applications
logo
Unisonic Technologies
2SC3647 UTC-2SC3647 Datasheet
134Kb / 4P
   HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SC3647 KEXIN-2SC3647 Datasheet
515Kb / 3P
   High-Voltage Switching Applications
logo
Unisonic Technologies
2SC3647 UTC-2SC3647 Datasheet
335Kb / 5P
   HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SC3647 SANYO-2SC3647 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
More results

Similar Description - 2SC3647

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com