Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDH854P Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NDH854P
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDH854P Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NDH854P Datasheet HTML 1Page - Fairchild Semiconductor NDH854P Datasheet HTML 2Page - Fairchild Semiconductor NDH854P Datasheet HTML 3Page - Fairchild Semiconductor NDH854P Datasheet HTML 4Page - Fairchild Semiconductor NDH854P Datasheet HTML 5Page - Fairchild Semiconductor NDH854P Datasheet HTML 6Page - Fairchild Semiconductor NDH854P Datasheet HTML 7Page - Fairchild Semiconductor NDH854P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NDH854P Rev.D
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
2oz COPPER MOUNTING PAD AREA (in
)
2
1c
1b
1a
4.5"x5" FR-4 Board
T
= 25 C
Still Air
A
o
Figure 15. Maximum Steady-State Drain
Current versus Copper Mounting Pad
Area.
Figure 14. SuperSOT
TM-8 Maximum Steady-State
Power Dissipation versus Copper Mounting
Pad Area.
Typical Thermal Characteristics
0 .0001
0 .001
0 .01
0 .1
1
10
100
300
0.01
0.02
0.03
0.05
0 .1
0 .2
0 .3
0 .5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t
/ t
1
2
R
(t) = r(t) * R
R
= See Note 1c
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 17. Transient Thermal Response Curve
.
Note:
Thermal characterization performed using the conditions described in note 1c. Transient thermal response will change
depending on the circuit board design.
Figure 16. Maximum Safe Operating Area.
0.1
0.2
0.5
1
2
5
10
20
30
50
0.01
0.05
0.1
0.5
1
2
5
10
30
- V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DC
DS
1s
100ms
10ms
1ms
10s
V
= -10V
SINGLE PULSE
R
= See Note 1c
T
= 25°C
θJA
GS
A
100us
-20
-16
-12
-8
-4
0
0
6
12
18
24
I , DRAIN CURRENT (A)
T = -55°C
J
25°C
D
V
= - 5V
DS
125°C
Figure 13. Transconductance Variation with Drain
Current and Temperature.
0
0.2
0.4
0.6
0.8
1
2
3
4
5
6
2oz COPPER MOUNTING PAD AREA (in
)
2
1c
1b
1a
4.5"x5" FR-4 Board
T
= 25 C
Still Air
V
= -10V
A
o
GS


Similar Part No. - NDH854P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8502P FAIRCHILD-NDH8502P Datasheet
72Kb / 7P
   Dual P-Channel Enhancement Mode Field Effect Transistor
NDH8503N FAIRCHILD-NDH8503N Datasheet
70Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
NDH8504P FAIRCHILD-NDH8504P Datasheet
210Kb / 10P
   Dual P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - NDH854P

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com