Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS138L Datasheet(PDF) 1 Page - ON Semiconductor

Part # BSS138L
Description  Power MOSFET 200 mA, 50 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSS138L Datasheet(HTML) 1 Page - ON Semiconductor

  BSS138L Datasheet HTML 1Page - ON Semiconductor BSS138L Datasheet HTML 2Page - ON Semiconductor BSS138L Datasheet HTML 3Page - ON Semiconductor BSS138L Datasheet HTML 4Page - ON Semiconductor BSS138L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 8
1
Publication Order Number:
BSS138LT1/D
BSS138L, BVSS138L
Power MOSFET
200 mA, 50 V
N−Channel SOT−23
Typical applications are DC−DC converters, power management in
portable and battery−powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
Features
Low Threshold Voltage (VGS(th): 0.5 V−1.5 V) Makes it Ideal for
Low Voltage Applications
Miniature SOT−23 Surface Mount Package Saves Board Space
BVSS Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
50
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current
− Continuous @ TA = 25°C
− Pulsed Drain Current (tp ≤ 10 ms)
ID
IDM
200
800
mA
Total Power Dissipation @ TA = 25°C
PD
225
mW
Operating and Storage Temperature
Range
TJ, Tstg
− 55 to 150
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Maximum Lead Temperature for
Soldering Purposes, for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
3
1
2
Device
Package
Shipping
ORDERING INFORMATION
N−Channel
SOT−23
CASE 318
STYLE 21
J1 M G
G
MARKING
DIAGRAM
2
1
3
200 mA, 50 V
RDS(on) = 3.5 W
BSS138LT1G
SOT−23
(Pb−Free)
3000 / Tape & Reel
BVSS138LT1G
SOT−23
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
1
J1
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
BSS138LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel


Similar Part No. - BSS138L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
   POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
logo
TECH PUBLIC Electronics...
BSS138L TECHPUBLIC-BSS138L Datasheet
1Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
BSS138L-AE2-R UTC-BSS138L-AE2-R Datasheet
160Kb / 3P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138L-AL3-R UTC-BSS138L-AL3-R Datasheet
160Kb / 3P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
ON Semiconductor
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
79Kb / 6P
   Power MOSFET 200 mA, 50 V
June, 2004 ??Rev. 3
More results

Similar Description - BSS138L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
79Kb / 6P
   Power MOSFET 200 mA, 50 V
June, 2004 ??Rev. 3
BSS138LT1 ONSEMI-BSS138LT1_11 Datasheet
105Kb / 5P
   Power MOSFET 200 mA, 50 V
September, 2011 ??Rev. 6
BSS138LT1 ONSEMI-BSS138LT1_09 Datasheet
133Kb / 5P
   Power MOSFET 200 mA, 50 V
February, 2009 ??Rev. 5
logo
Guangdong Kexin Industr...
KSS138 KEXIN-KSS138 Datasheet
46Kb / 2P
   Power MOSFET 200 mA, 50 V
logo
ON Semiconductor
BSS138LT1 ONSEMI-BSS138LT1_05 Datasheet
64Kb / 5P
   Power MOSFET 200 mA, 50 V N?묬hannel SOT??3
October, 2005 ??Rev. 4
BSS84LT1 ONSEMI-BSS84LT1 Datasheet
67Kb / 4P
   Power MOSFET 130 mA, 50 V
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
logo
NXP Semiconductors
2PB709BRL NXP-2PB709BRL Datasheet
324Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1-28 June 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com